Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB135 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMB135
Description  Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB135 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMB135_08 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
SMB135
Summit Microelectronics, Inc
2106 3.1 11/4/2008
2
GENERAL DESCRIPTION
The SMB135 is a fully programmable battery charger for
single-cell Li-Ion and Li-Polymer battery packs.
The
device’s high-efficiency, switch-mode operation reduces
heat dissipation and allows for higher current capability
for a given package size. The SMB135 provides four
main charging phases: trickle-charge, pre-conditioning
(pre-charge), constant current and constant voltage.
The overall system accuracy of the SMB135 is 1%,
allowing for a higher capacity utilization versus other
conventional solutions.
When a battery or an external supply is inserted and the
EN (ENABLE) input is asserted, the SMB135 performs
the pre-qualification checks before initiating a charging
cycle. The input voltage needs to be higher than the
UVLO threshold and the cell temperature needs to be
within the temperature limits for the charging cycle to
start.
As soon as the input supply is removed, the
SMB135 enters a shutdown mode, thereby saving
battery power. A programmable option also exists that
allows the user to prevent battery charging until an I
2C
command has been issued.
If the battery voltage is below 2.0V (trickle-charge to pre-
charge threshold), the device will apply a trickle-charge
current of 10mA (typical). This allows the SMB135 to
reset the protection circuit in the battery pack and bring
the
battery
voltage
to
a
higher
level
without
compromising safety.
Once the battery voltage crosses the 2.0V threshold, the
SMB135 enters the pre-charge mode.
This mode
replenishes deeply depleted cells and minimizes heat
dissipation during the initial charge cycle.
The
preconditioning current is programmable, with the default
value at C/10. If the battery voltage does not reach the
preconditioning voltage level (programmable) within a
specified amount of time (pre-charge timeout), the safety
timer expires and the charge cycle is terminated.
When the battery voltage reaches the pre-charge to fast-
charge voltage level, the SMB135 enters the constant
current (fast charge) mode. The fast charge current
level is programmable in two ways: a) via an external
sense resistor and b) via the corresponding register.
Once the final float voltage (programmable) has been
reached, the battery charger will enter a constant voltage
mode in which the battery voltage is kept constant,
allowing the charge current to gradually taper off. The
constant-voltage charging mode will continue until the
charge current drops below the termination current
threshold, or until the fast charge timer has expires. The
termination current threshold is programmable from
25mA to 130mA in 15mA increments.
After the charge cycle has terminated, the SMB135
continues to monitor the battery voltage. If the battery
voltage falls below the recharge threshold (typically
115mV
below
float
voltage),
the
SMB135
can
automatically top-off the battery.
A wide range of protection features is also included in
the SMB135.
These include input and output over-
voltage protection, battery missing detector and thermal
monitor for continuous cell temperature monitoring and
pre-qualification.
The following charging parameters can be adjusted
dynamically via the I2C interface, for optimizing battery
management real-time. These parameters can also be
programmed statically via a user-friendly GUI interface:
Battery (float) voltage
Fast charge current
Pre-conditioning voltage threshold
Pre-conditioning charge current
Termination current
Safety charge timers
Temperature window
The SMB135 also offers three programmable PWM
switching frequencies ranging from 750kHz to 1250kHz
in 250kHz increments.


Similar Part No. - SMB135_08

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
More results

Similar Description - SMB135_08

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
   Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Summit Microelectronics...
SMB137C SUMMIT-SMB137C Datasheet
45Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com