Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB135 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMB135
Description  Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB135 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMB135_08 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB135_08 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
SMB135
Summit Microelectronics, Inc
2106 3.1 11/4/2008
5
C1
C2
A2
B2
E1
A1
B1
D1
D2
E2
C3
B3
SMB135
lead-free
uCSPTM-15
1.3mm x 2.1mm
A3
E3
D3
15-Ball Ultra CSP
TM
Bottom View
PACKAGE AND PIN DESCRIPTIONS (CONT.)
1
SMB135
5mm x 5mm QFN-32
2
3
13
4
GND
10
12
11
28
27
26
COMP
SDA
GND
5
6
7
8
9
24
23
22
25
17
14
16
15
18
20
21
GND
SCL
NC
19
NC
USB500/100
32
31
30
29
NC
BATT
GND
SENSEH
SENSEL
GND
NC


Similar Part No. - SMB135_08

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
More results

Similar Description - SMB135_08

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
   Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Summit Microelectronics...
SMB137C SUMMIT-SMB137C Datasheet
45Kb / 1P
   Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com