Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVC16901DGGR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALVC16901DGGR
Description  18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC16901DGGR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC16901DGGR Datasheet HTML 1Page - Texas Instruments SN74ALVC16901DGGR Datasheet HTML 2Page - Texas Instruments SN74ALVC16901DGGR Datasheet HTML 3Page - Texas Instruments SN74ALVC16901DGGR Datasheet HTML 4Page - Texas Instruments SN74ALVC16901DGGR Datasheet HTML 5Page - Texas Instruments SN74ALVC16901DGGR Datasheet HTML 6Page - Texas Instruments SN74ALVC16901DGGR Datasheet HTML 7Page - Texas Instruments SN74ALVC16901DGGR Datasheet HTML 8Page - Texas Instruments SN74ALVC16901DGGR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74ALVC16901
18BIT UNIVERSAL BUS TRANSCEIVER
WITH PARITY GENERATORS/CHECKERS
SCAS276A − NOVEMBER 1993 − REVISED JULY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Member of the Texas Instruments
Widebus+
 Family
D EPIC  (Enhanced-Performance Implanted
CMOS) Submicron Process
D UBT  (Universal Bus Transceiver)
Combines D-Type Latches and D-Type
Flip-Flops for Operation in Transparent,
Latched, or Clocked Mode
D Simultaneously Generates and Checks
Parity
D Option to Select Generate Parity and Check
or Feed-Through Data/Parity in A-to-B or
B-to-A Directions
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D Latch-Up Performance Exceeds 250 mA
Per JEDEC Standard JESD-17
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Packaged in Thin Shrink Small-Outline
(DGG) Package
description
This 18-bit (dual-octal) noninverting registered
transceiver is designed for 2.7-V to 3.6-V VCC
operation.
The SN74ALVC16901 is a dual 9-bit to dual 9-bit
parity transceiver with registers. The device can
operate as a feed-through transceiver or it can
generate/check parity from the two 8-bit data
buses in either direction.
The
SN74ALVC16901
features
independent
clock (CLKAB or CLKBA), latch-enable (LEAB or
LEBA), and dual 9-bit clock-enable (CLKENAB or
CLKENBA) inputs. It also provides parity-enable (SEL) and parity-select (ODD/EVEN) inputs and separate
error-signal (ERRA or ERRB) outputs for checking parity. The direction of data flow is controlled by OEAB and
OEBA. When SEL is low, the parity functions are enabled. When SEL is high, the parity functions are disabled
and the device acts as an 18-bit registered transceiver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The SN74ALVC16901 is available in TI’s thin shrink small-outline (DGG) package, which provides twice the I/O
pin count and functionality of standard small-outline packages in the same printed-circuit-board area.
The SN74ALVC16901 is characterized for operation from − 40
°C to 85°C.
Copyright
 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1CLKENAB
LEAB
CLKAB
1ERRA
1APAR
GND
1A1
1A2
1A3
VCC
1A4
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
2A5
VCC
2A6
2A7
2A8
GND
2APAR
2ERRA
OEAB
SEL
2CLKENAB
1CLKENBA
LEBA
CLKBA
1ERRB
1BPAR
GND
1B1
1B2
1B3
VCC
1B4
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
2B5
VCC
2B6
2B7
2B8
GND
2BPAR
2ERRB
OEBA
ODD/EVEN
2CLKENBA
Widebus+, EPIC, and UBT are trademarks of Texas Instruments Incorporated.


Similar Part No. - SN74ALVC16901DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268DL TI1-SN74ALVC162268DL Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268DLR TI1-SN74ALVC162268DLR Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334 Datasheet
133Kb / 10P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162334 TI-SN74ALVC162334 Datasheet
308Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVC16901DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH16901 TI-SN74LVCH16901 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901DGGR TI-SN74ALVCH16901DGGR Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI1-SN74LVCH16901_14 Datasheet
565Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901 TI-SN74ALVCH16901 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
logo
Integrated Device Techn...
IDT74ALVCH16901 IDT-IDT74ALVCH16901 Datasheet
80Kb / 9P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com