Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1700AQ Datasheet(PDF) 34 Page - Sony Corporation

Part # CXA1700AQ
Description  Luminance and Color Signal Processing for 8mm VCR
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1700AQ Datasheet(HTML) 34 Page - Sony Corporation

Back Button CXA1700AQ Datasheet HTML 30Page - Sony Corporation CXA1700AQ Datasheet HTML 31Page - Sony Corporation CXA1700AQ Datasheet HTML 32Page - Sony Corporation CXA1700AQ Datasheet HTML 33Page - Sony Corporation CXA1700AQ Datasheet HTML 34Page - Sony Corporation CXA1700AQ Datasheet HTML 35Page - Sony Corporation CXA1700AQ Datasheet HTML 36Page - Sony Corporation CXA1700AQ Datasheet HTML 37Page - Sony Corporation CXA1700AQ Datasheet HTML 38Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
—34—
CXA1700AQ/AR
2) Timing chart
3) Input conditions
Pin 49 CK (Clock)
Pin 47CS
(Chip Select)
For CXA1700A data
Latch
Over 2µs
Over 2µs
Pin 48 SI (Signal In)
12
3
4567
89
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Input high level for Pins 47, 48, and 49
Input low level for Pins 47, 48, and 49
Clock frequency
Setup time
Hold tie
CS fall time to SI start time
Final CK rise time to CS rise time
VB-H
2.0
V
VB-L
1.0
V
fCK
1.3
MHz
tSU
400
nsec
tHLD
400
nsec
t1
2
µsec
t2
2
µsec
Item
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - CXA1700AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA1709 SONY-CXA1709 Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results

Similar Description - CXA1700AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com