Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1700AQ Datasheet(PDF) 28 Page - Sony Corporation

Part # CXA1700AQ
Description  Luminance and Color Signal Processing for 8mm VCR
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1700AQ Datasheet(HTML) 28 Page - Sony Corporation

Back Button CXA1700AQ Datasheet HTML 24Page - Sony Corporation CXA1700AQ Datasheet HTML 25Page - Sony Corporation CXA1700AQ Datasheet HTML 26Page - Sony Corporation CXA1700AQ Datasheet HTML 27Page - Sony Corporation CXA1700AQ Datasheet HTML 28Page - Sony Corporation CXA1700AQ Datasheet HTML 29Page - Sony Corporation CXA1700AQ Datasheet HTML 30Page - Sony Corporation CXA1700AQ Datasheet HTML 31Page - Sony Corporation CXA1700AQ Datasheet HTML 32Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
—28—
CXA1700AQ/AR
(2) DDS measurement
When a pulse with the following timing is input, the output from P34 (Pin 34 Y OUT) becomes as shown
below; measures each DC differential.
(3) Measurement of gain difference between PB ACC channels
The ACC amplifier in the CXA1700 has a built-in 4-channel time constants, and those time constants can
be switched by SWP (Pin 46) input. In addition, in NTSC playback chroma signal processing, PI return
occurs in the SWP (Pin 46) input for Low interval. In this measurement, the signal k, that is phase-inverted
each 1H, is input to PBC IN (Pin 45) for the Low interval of SWP; the continuous wave of the signal is
input for the High interval of SWP.
In this case, measure each channel level V1, V2, V3,and V4 of output P63 (Pin 63 C OUT) and calculate
the gain difference between channels using the following equations:
∆GCH12 =
V2
V1
∆GCH13 =
V3
V1
∆GCH14 =
V4
V1
P34 (Pin 34 Y OUT) output
SG26 (Pin 26 DDS/MASK input)
SG30 (Pin 30 VIN1 input)
357mV
143mV
100% white
Y signal
3V
1.5V
0V
0V
5V
∆VVOB
∆VVOW
∆VJOGV
SG31 (Pin 31 RECL/JVD input)
Pedestal level reference
Sync tip level reference


Similar Part No. - CXA1700AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA1709 SONY-CXA1709 Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results

Similar Description - CXA1700AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com