Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1695 Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1695
Description  All Band TV Tuner IC (VHF-CATV-UHF)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1695 Datasheet(HTML) 2 Page - Sony Corporation

  CXA1695 Datasheet HTML 1Page - Sony Corporation CXA1695 Datasheet HTML 2Page - Sony Corporation CXA1695 Datasheet HTML 3Page - Sony Corporation CXA1695 Datasheet HTML 4Page - Sony Corporation CXA1695 Datasheet HTML 5Page - Sony Corporation CXA1695 Datasheet HTML 6Page - Sony Corporation CXA1695 Datasheet HTML 7Page - Sony Corporation CXA1695 Datasheet HTML 8Page - Sony Corporation CXA1695 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
—2—
CXA1695L
Pin Description and Equivalent Circuit
Pin
Symbol
Typical pin
No.
voltage (V)
1
IF OUT
2
VHF IN 1
4
VHF IN 2
3
MIX OUT 1
5
MIX OUT 2
6
GND
7SW
55
Vcc
1
8
3k
3k
2
4
5k
5k
450
450
Vcc
3
5
8
40k
60k
Vcc
7
8
IF output.
VHF input.
Normally a decoupling
capacitor is connected at pin 2
to GND and pin 4 is used for
input.
Mixer output and IF amplifier
input.
GND
UHF/VHF switch pin.
Connect 9V source through
about a 10k
Ω resister for VHF
reception; 0V or leave open for
UHF.
Equivalent circuit
Description
Under VHF
operation
4.4
Under UHF
operation
4.4
3.2
3.3
3.2
3.3
7.5
7.2
7.5
7.2
0
3V or more
0.4V or less


Similar Part No. - CXA1695

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1695L ETC2-CXA1695L Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CXA1695

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com