Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVC16269DLR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALVC16269DLR
Description  12-BIT TO 24-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC16269DLR Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALVC16269DLR Datasheet HTML 1Page - Texas Instruments SN74ALVC16269DLR Datasheet HTML 2Page - Texas Instruments SN74ALVC16269DLR Datasheet HTML 3Page - Texas Instruments SN74ALVC16269DLR Datasheet HTML 4Page - Texas Instruments SN74ALVC16269DLR Datasheet HTML 5Page - Texas Instruments SN74ALVC16269DLR Datasheet HTML 6Page - Texas Instruments SN74ALVC16269DLR Datasheet HTML 7Page - Texas Instruments SN74ALVC16269DLR Datasheet HTML 8Page - Texas Instruments SN74ALVC16269DLR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN74ALVC16269
12BIT TO 24BIT REGISTERED BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS417B − OCTOBER 1993 − REVISED JULY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
TA = − 40°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP‡
MAX
UNIT
IOH = − 100 µA
MIN to MAX
VCC −0.2
IOH = − 6 mA,
VIH = 1.7 V
2.3 V
2
VOH
VIH = 1.7 V
2.3 V
1.7
V
VOH
IOH = − 12 mA
VIH = 2 V
2.7 V
2.2
V
IOH = − 12 mA
VIH = 2 V
3 V
2.4
IOH = − 24 mA,
VIH = 2 V
3 V
2
IOL = 100 µA
MIN to MAX
0.2
IOL = 6 mA,
VIL = 0.7 V
2.3 V
0.4
VOL
IOL = 12 mA
VIL = 0.7 V
2.3 V
0.7
V
VOL
IOL = 12 mA
VIL = 0.8 V
2.7 V
0.4
V
IOL = 24 mA,
VIL = 0.8 V
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.7 V
2.3 V
45
VI = 1.7 V
2.3 V
−45
II(hold)
VI = 0.8 V
3 V
75
µA
II(hold)
VI = 2 V
3 V
−75
µA
VI = 0 to 3.6 V
3.6 V
±500
IOZ§
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
nICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
VI = VCC or GND
3.3 V
3.5
pF
Cio
VO = VCC or GND
3.3 V
9
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
‡ All typical values are at VCC = 3.3 V.
§ For I/O ports, the parameter IOZ includes the input-leakage current.


Similar Part No. - SN74ALVC16269DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVC162601 TI1-SN74ALVC162601 Datasheet
140Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC162601DL TI1-SN74ALVC162601DL Datasheet
140Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC162601DLR TI1-SN74ALVC162601DLR Datasheet
140Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16260DL TI1-SN74ALVC16260DL Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVC16269DLR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVCH16270 PERICOM-PI74ALVCH16270 Datasheet
156Kb / 5P
   12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16270 TI-SN74ALVCH16270 Datasheet
138Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC16268 PERICOM-PI74AVC16268 Datasheet
545Kb / 11P
   12-Bit to 24-Bit Registered Bus Exchanger with 3-State Outputs
logo
Texas Instruments
SN74AVC16269 TI1-SN74AVC16269 Datasheet
501Kb / 17P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A_08 Datasheet
350Kb / 14P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268_08 Datasheet
476Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com