Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS29861DW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS29861DW
Description  10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29861DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS29861DW Datasheet HTML 1Page - Texas Instruments SN74ALS29861DW Datasheet HTML 2Page - Texas Instruments SN74ALS29861DW Datasheet HTML 3Page - Texas Instruments SN74ALS29861DW Datasheet HTML 4Page - Texas Instruments SN74ALS29861DW Datasheet HTML 5Page - Texas Instruments SN74ALS29861DW Datasheet HTML 6Page - Texas Instruments SN74ALS29861DW Datasheet HTML 7Page - Texas Instruments SN74ALS29861DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN74ALS29861, SN74ALS29862
10BIT BUS TRANSCEIVERS WITH 3STATE OUTPUTS
SDAS097B − D2915, JANUARY 1986 − REVISED AUGUST 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
1988, Texas Instruments Incorporated
1
Functionally Equivalent to AM29861 and
AM29862
Choice of True or Inverting Logic
Power-Up High-Impedance State
Package Options include Plastic Small
Outline Packages, Plastic Chip Carriers, and
Standard Plastic DIPs
description
These 10-bit bus transceivers are designed for
asynchronous two-way communication between
data buses. The control function implementation
allows for maximum flexibility in timing.
These devices allow data transmission from the A
bus to the B bus or from the B bus to the A bus
depending upon the logic levels at the enable
inputs (GBA and GAB).
The enable inputs can be used to disable the
device so that the buses are effectively isolated.
The SN74’ family is characterized for operation
from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OPERATION
GAB
GBA
ALS29861
ALS29862
L
H
A to B
A to B
H
L
B to A
B to A
H
H
Isolation
Isolation
L
L
Latch A and B
Latch A and B
(A = B)
(A = B)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
DW OR NT PACKAGE
(TOP VIEW)
FN PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GBA
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VCC
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
GAB
32 1
13 14
5
6
7
8
9
10
11
B3
B4
B5
NC
B6
B7
B8
A3
A4
A5
NC
A6
A7
A8
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12


Similar Part No. - SN74ALS29861DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI1-SN74ALS29863 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DW TI-SN74ALS29863DW Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DW TI1-SN74ALS29863DW Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863DWE4 TI1-SN74ALS29863DWE4 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS29861DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29862B TI1-SN74BCT29862B Datasheet
81Kb / 4P
[Old version datasheet]   10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT861 TI-SN54ABT861 Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com