Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS819 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ALS819
Description  8-BIT DIAGNOSTICS/PIPELINE REGISTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS819 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALS819 Datasheet HTML 4Page - Texas Instruments SN74ALS819 Datasheet HTML 5Page - Texas Instruments SN74ALS819 Datasheet HTML 6Page - Texas Instruments SN74ALS819 Datasheet HTML 7Page - Texas Instruments SN74ALS819 Datasheet HTML 8Page - Texas Instruments SN74ALS819 Datasheet HTML 9Page - Texas Instruments SN74ALS819 Datasheet HTML 10Page - Texas Instruments SN74ALS819 Datasheet HTML 11Page - Texas Instruments SN74ALS819 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN74ALS819, SN74ALS29818
8BIT DIAGNOSTICS/PIPELINE REGISTERS
SDAS105A − JANUARY 1986 − REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
8
absolute maximum ratings over operating free-air temperature range
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, any input or I/O port
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
Y0 − Y7, PE
−3
mA
IOH
High-level output current
All others
−1
mA
IOL
Low-level output current
Y0 − Y7, PE
24
mA
IOL
Low-level output current
All others
8
mA
tw
Pulse duration
SRCLK high or low
25
ns
tw
Pulse duration
ORCLK high or low
15
ns
Y0 − Y7 (’ALS29818)†
5
tsu
Setup time before SRCLK
MODE
12
ns
tsu
Setup time before SRCLK
SDI
10
ns
ORCLK (’ALS29818)†
40
DQ0 − DQ7
8
tsu
Setup time before ORCLK
MODE (’ALS29818)†
15
ns
tsu
Setup time before ORCLK
SRCLK‡
5
ns
Y0 − Y7 (’ALS29818)†
5
th
Hold time after RCLK
MODE
2
ns
th
Hold time after RCLK
SDI
0
ns
DQ0 − DQ7
2
th
Hold time after ORCLK
MODE (’ALS29818) †
0
ns
th
Hold time after ORCLK
SDI (’ALS819)
ns
TA
Operating free-air temperature
0
70
°C
† This setup time ensures that the shadow register will see stable data from the output register.
‡ This setup time ensures that the output register will see stable data from the shadow register.


Similar Part No. - SN74ALS819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS810 TI1-SN74ALS810 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES
SN74ALS810D TI1-SN74ALS810D Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES
SN74ALS810N TI1-SN74ALS810N Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES
SN74ALS811 TI1-SN74ALS811 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com