Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL129P Datasheet(PDF) 36 Page - SPANSION

Part # S25FL129P
Description  128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL129P Datasheet(HTML) 36 Page - SPANSION

Back Button S25FL129P Datasheet HTML 32Page - SPANSION S25FL129P Datasheet HTML 33Page - SPANSION S25FL129P Datasheet HTML 34Page - SPANSION S25FL129P Datasheet HTML 35Page - SPANSION S25FL129P Datasheet HTML 36Page - SPANSION S25FL129P Datasheet HTML 37Page - SPANSION S25FL129P Datasheet HTML 38Page - SPANSION S25FL129P Datasheet HTML 39Page - SPANSION S25FL129P Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
36
S25FL129P
S25FL129P_00_08 September 21, 2012
Data
She e t
Note
CFI data related to VCC and time-outs may differ from actual VCC and time-outs of the product. Please consult the Ordering Information
tables to obtain the VCC range for particular part numbers. Please consult the AC Characteristics on page 60 for typical timeout
specifications.
Table 9.6 Product Group CFI Primary Vendor-Specific Extended Query
Byte
Data
Description
40h
50h
Query-unique ASCII string “PRI”
41h
52h
42h
49h
43h
31h
Major version number, ASCII
44h
33h
Minor version number, ASCII
45h
15h
Address Sensitive Unlock (Bits 1-0)
00b = Required, 01b = Not Required
Process Technology (Bits 5-2)
0000b = 0.23 µm Floating Gate
0001b = 0.17 µm Floating Gate
0010b = 0.23 µm MirrorBit
0010b = 0.20 µm MirrorBit
0011b = 0.11 µm Floating Gate
0100b = 0.11 µm MirrorBit
0101b = 0.09 µm MirrorBit
1000b = 0.065 µm MirrorBit
46h
00h
Erase Suspend
0 = Not Supported, 1 = Read Only, 2 = Read and Write
47h
04h
Sector Protect
00 = Not Supported, X = Number of sectors in per smallest group
48h
00h
Temporary Sector Unprotect
00 = Not Supported, 01 = Supported
49h
05h
Sector Protect/Unprotect Scheme
04 = High Voltage Method
05 = Software Command Locking Method
08 = Advanced Sector Protection Method
4Ah
00h
Simultaneous Operation
00 = Not Supported, X = Number of Sectors outside Bank 1
4Bh
01h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
03h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page,
03 = 256 Byte Page
4Dh
85h
ACC (Acceleration) Supply Minimum
00 = Not Supported, (D7-D4: Volt, D3-D0: 100 mV)
4Eh
95h
ACC (Acceleration) Supply Maximum
00 = Not Supported, (D7-D4: Volt, D3-D0: 100 mV)
4Fh
07h
W# Protection
07 = Uniform Device with Top or Bottom Write Protect (user select)
50h
00h
Program Suspend
00 = Not Supported, 01 = Supported


Similar Part No. - S25FL129P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
   128-Mbit 3.0 V Flash Memory
More results

Similar Description - S25FL129P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com