Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWJNSH.EC-BQBS-5L7N-1 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWJNSH.EC-BQBS-5L7N-1
Description  LCW JNSH.EC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.EC-BQBS-5L7N-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 4Page - OSRAM GmbH LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 5Page - OSRAM GmbH LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 6Page - OSRAM GmbH LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 9Page - OSRAM GmbH LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 10Page - OSRAM GmbH LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 11Page - OSRAM GmbH LCWJNSH.EC-BQBS-5L7N-1 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
2011-08-26
8
Version 1.0
LCW JNSH.EC
Color Temperature 3500K
6) page 24
Farbtemperatur 3500K
6) Seite 24
6R
0.4185
0.3902
8S
0.4346
0.4108
0.4223
0.3989
0.4387
0.4197
0.4263
0.3929
0.4430
0.4138
0.4304
0.4018
0.4474
0.4228
7R
0.4223
0.3989
5T
0.4298
0.3867
0.4261
0.4077
0.4342
0.3957
0.4304
0.4018
0.4373
0.3893
0.4346
0.4108
0.4420
0.3985
8R
0.4261
0.4077
6T
0.4342
0.3957
0.4299
0.4165
0.4386
0.4047
0.4346
0.4108
0.4420
0.3985
0.4387
0.4197
0.4467
0.4076
5S
0.4222
0.3840
7T
0.4386
0.4047
0.4263
0.3929
0.4430
0.4138
0.4298
0.3867
0.4467
0.4076
0.4342
0.3957
0.4515
0.4168
6S
0.4263
0.3929
8T
0.4430
0.4138
0.4304
0.4018
0.4474
0.4228
0.4342
0.3957
0.4515
0.4168
0.4386
0.4047
0.4562
0.4260
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5O
0.3889
0.3690
7P
0.4036
0.3898
0.3916
0.3771
0.4067
0.3982
0.3975
0.3731
0.4129
0.3944
0.4006
0.3815
0.4164
0.4029
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Similar Part No. - LCWJNSH.EC-BQBS-5L7N-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWJNSH.EC OSRAM-LCWJNSH.EC Datasheet
2Mb / 24P
   white SMT package, colored diffused silicone resin
LCWJNSH.EC2.0 OSRAM-LCWJNSH.EC2.0 Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com