Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS2238FNR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ALS2238FNR
Description  32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS2238FNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALS2238FNR Datasheet HTML 3Page - Texas Instruments SN74ALS2238FNR Datasheet HTML 4Page - Texas Instruments SN74ALS2238FNR Datasheet HTML 5Page - Texas Instruments SN74ALS2238FNR Datasheet HTML 6Page - Texas Instruments SN74ALS2238FNR Datasheet HTML 7Page - Texas Instruments SN74ALS2238FNR Datasheet HTML 8Page - Texas Instruments SN74ALS2238FNR Datasheet HTML 9Page - Texas Instruments SN74ALS2238FNR Datasheet HTML 10Page - Texas Instruments SN74ALS2238FNR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN74ALS2238
32 × 9 × 2 ASYNCHRONOUS BIDIRECTIONAL FIRST IN, FIRST OUT MEMORY
SDAS182 − APRIL 1990
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
V
Status flags
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VOH
VCC = 4.5 V,
IOH = − 2 mA
VCC −2
V
VOH
A or B ports
VCC = 4.5 V,
IOH = − 3 mA
2.4
3.2
V
VCC = 4.5 V,
IOH = − 15 mA
2
A or B ports
VCC = 4.5 V,
IOL = 12 mA
0.25
0.4
VOL
A or B ports
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
VOL
Status flags
VCC = 4.5 V,
IOL = 4 mA
0.25
0.4
V
Status flags
VCC = 4.5 V,
IOL = 8 mA
0.35
0.5
II
DAF, DBF, RSTA, RSTB, GAB, GBA, SAB,
SBA, LDCKA, LDCKB, UNCKA, UNCKB
VCC = 5.5 V,
VI = 7 V
0.1
mA
II
A or B ports
VCC = 5.5 V,
VI = 7 V
0.2
mA
IIH
DAF, DBF, RSTA, RSTB, GAB, GBA, SAB,
SBA, LDCKA, LDCKB, UNCKA, UNCKB
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIH
A or B ports‡
VCC = 5.5 V,
VI = 2.7 V
40
µA
IIL
DAF, DBF, RSTA, RSTB, GAB, GBA, SAB,
SBA, LCKA, LDCKB, UNCKA, UNCKB
VCC = 5.5 V,
VI = 0.4 V
− 0.2
mA
IIL
A or B ports‡
VCC = 5.5 V,
VI = 0.4 V
− 0.4
mA
IO§
A or B ports‡
VCC = 5.5 V,
VO = 2.25 V
−20
− 130
mA
IO§
Status flags
VCC = 5.5 V,
VO = 2.25 V
−15
− 100
mA
ICC
VCC = 5.5 V
190
350
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the offstate output current.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS2238FNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232AFN TI1-SN74ALS2232AFN Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232ANT TI1-SN74ALS2232ANT Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALS2238FNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
[Old version datasheet]   1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74ACT2708 FAIRCHILD-74ACT2708 Datasheet
95Kb / 13P
   64 x 9 First-In, First-Out Memory
logo
Texas Instruments
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820-20PN TI-SN74ABT7820-20PN Datasheet
253Kb / 18P
[Old version datasheet]   STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com