Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4060PW-Q100 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC4060PW-Q100
Description  14-stage binary ripple counter with oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4060PW-Q100 Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC4060PW-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC4060PW-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC4060PW-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC4060PW-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC4060PW-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC4060PW-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC4060PW-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC4060PW-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC4060PW-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The 74HC4060-Q100; 74HCT4060-Q100 are high-speed Si-gate CMOS devices that
comply with JEDEC standard no. 7A. They are pin compatible with Low-power Schottky
TTL (LSTTL).
The 74HC4060-Q100; 74HCT4060-Q100 are 14-stage ripple-carry counter/dividers and
oscillators with three oscillator terminals (RS, RTC and CTC), ten buffered outputs (Q3 to
Q9 and Q11 to Q13) and an overriding asynchronous master reset (MR). The oscillator
configuration allows design of either RC or crystal oscillator circuits. The oscillator may be
replaced by an external clock signal at input RS. In this case keep the other oscillator pins
(RTC and CTC) floating. The counter advances on the negative-going transition of RS. A
HIGH level on MR resets the counter (Q3 to Q9 and Q11 to Q13 = LOW), independent of
other input conditions. In the HCT version, the MR input is TTL compatible, but the RS
input has CMOS input switching levels and can be driven by a TTL output by using a
pull-up resistor to VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
All active components on chip
RC or crystal oscillator configuration
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
Multiple package options
3.
Applications
Control counters
Timers
Frequency dividers
Time-delay circuits
74HC4060-Q100; 74HCT4060-Q100
14-stage binary ripple counter with oscillator
Rev. 1 — 2 August 2012
Product data sheet


Similar Part No. - 74HC4060PW-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4060PW-Q100 NEXPERIA-74HC4060PW-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
More results

Similar Description - 74HC4060PW-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com