Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC373D-Q100 Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. 74HC373D-Q100
Description  Octal D-type transparent latch; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC373D-Q100 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC373D-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
74HC_HCT373_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 10 August 2012
8 of 24
NXP Semiconductors
74HC373-Q100; 74HCT373-Q100
Octal D-type transparent latch; 3-state
VOL
LOW-level output voltage
VI = VIH or VIL
IO =20 A; VCC = 2.0 V
-
-
0.1
V
IO =20 A; VCC = 4.5 V
-
-
0.1
V
IO =20 A; VCC = 6.0 V
-
-
0.1
V
IO = 6.0 mA; VCC = 4.5 V
-
-
0.4
V
IO = 7.8 mA; VCC = 6.0 V
-
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
1.0
A
IOZ
OFF-state output current
VI =VIH or VIL; VCC =6.0 V;
VO =VCC or GND
--
10.0
A
ICC
supply current
VCC = 6.0 V; IO = 0 A;
VI =VCC or GND
--
160
A
Table 6.
Static characteristics 74HC373-Q100 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Static characteristics 74HCT373-Q100
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
V
IO = 6.0 mA; VCC = 4.5 V
3.98
4.32
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 A; VCC = 4.5 V
-
0.0
0.1
V
IO =6.0 mA; VCC = 4.5 V
-
0.16
0.26
V
II
input leakage current
VI =VCC or GND; VCC =5.5 V
-
-
0.1
A
IOZ
OFF-state output current
VI =VIH or VIL; VCC =5.5 V;
VO =VCC or GND per input pin;
other inputs at VCC or GND; IO =0 A
--
0.5
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
--
8.0
A
I
CC
additional supply current
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
Dn
-
30
108
A
LE
-
150
540
A
OE
-
100
360
A
CI
input capacitance
-
3.5
-
pF
Tamb = 40 C to +85 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn