Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC373D-Q100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. 74HC373D-Q100
Description  Octal D-type transparent latch; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC373D-Q100 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC373D-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC373D-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
74HC_HCT373_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 10 August 2012
2 of 24
NXP Semiconductors
74HC373-Q100; 74HCT373-Q100
Octal D-type transparent latch; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC373D-Q100
40 C to +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74HCT373D-Q100
74HC373PW-Q100
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HCT373PW-Q100
74HC373BQ-Q100
40 C to +125 C
DHVQFN20 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74HCT373BQ-Q100
Fig 1.
Functional diagram
001aae050
LATCH
1 TO 8
D0
D1
D2
D3
D4
D5
D6
D7
3
4
7
8
13
14
17
18
11
1
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
2
5
6
9
12
15
16
19
3-STATE
OUTPUTS
LE
OE
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
001aae048
D0
D1
D2
D3
D4
D5
D6
D7
OE
LE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
001aae049
1
11
C1
1D
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
OE
LE
D7
D6
D5
D4
D3
D2
D1
D0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
EN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn