Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60B474C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 60B474C
Description  Surface Mount Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

60B474C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  60B474C Datasheet HTML 1Page - Murata Power Solutions Inc. 60B474C Datasheet HTML 2Page - Murata Power Solutions Inc. 60B474C Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6000B Series
Surface Mount Power Inductors
KMP_6000B_A01 Page 2 of 3
www.murata-ps.com/support
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
0
10
20
30
40
50
02
46
8
10
12
14
Current, IDC (A)
680μH
220μH
47μH
1
10
100
1000
10000
100000
10
100
1000
10000
Frequency, (kHz)
680μH
220μH
47μH


Similar Part No. - 60B474C

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60BK531-K090N1 ROSENBERGER-60BK531-K090N1 Datasheet
113Kb / 2P
   Surge Arrester Bulkhead Jack - Jack
60BK531-K230N1 ROSENBERGER-60BK531-K230N1 Datasheet
113Kb / 2P
   Surge Arrester Bulkhead Jack - Jack
60BK531-K350N1 ROSENBERGER-60BK531-K350N1 Datasheet
113Kb / 2P
   Surge Arrester Bulkhead Jack - Jack
60BK531-S090N1 ROSENBERGER-60BK531-S090N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
60BK531-S230N1 ROSENBERGER-60BK531-S230N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
More results

Similar Description - 60B474C

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com