Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1684M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1684M
Description  High-Speed Transimpedance Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1684M Datasheet(HTML) 5 Page - Sony Corporation

  CXA1684M Datasheet HTML 1Page - Sony Corporation CXA1684M Datasheet HTML 2Page - Sony Corporation CXA1684M Datasheet HTML 3Page - Sony Corporation CXA1684M Datasheet HTML 4Page - Sony Corporation CXA1684M Datasheet HTML 5Page - Sony Corporation CXA1684M Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
—5—
CXA1684M
• Output Duty Cycle Distortion
VS. Input Current
lin (µA)
0
600
200
800
400
1000
0
25
50
75
100
Vin
100
Tracking Generator
-26dB
51
1p
1.3
51
51
2p
2p
620
VQB
VQ
Iin=
VCC
1µF
Vin
Vin
50
ATT
Signal Generator
Spectrum Analyzer/
Digitizing Oscilloscope
TEST BOARD
CXA1684M
1
2
3
4
5
6
7
8
100
50
• Test Circuit


Similar Part No. - CXA1684M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1685M SONY-CXA1685M Datasheet
106Kb / 8P
   High-Speed Transimpedance Amplifier
More results

Similar Description - CXA1684M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1547Q SONY-CXA1547Q Datasheet
280Kb / 5P
   High-Speed Transimpedance Amplifier
CXA1685M SONY-CXA1685M Datasheet
106Kb / 8P
   High-Speed Transimpedance Amplifier
logo
Burr-Brown (TI)
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
[Old version datasheet]   Precision, High-Speed Transimpedance Amplifier
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
   TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Maxim Integrated Produc...
PHY1097 MAXIM-PHY1097 Datasheet
363Kb / 10P
   2.5Gbps High Sensitivity Transimpedance Amplifier
PHY1095 MAXIM-PHY1095 Datasheet
329Kb / 10P
   1.25Gbps High Sensitivity Transimpedance Amplifier
19-5689; Rev 1/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com