Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FV16-25 Datasheet(PDF) 3 Page - Texas Instruments

Part # NS32FV16-25
Description  Advanced Imaging/Communication Signal Processors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NS32FV16-25 Datasheet(HTML) 3 Page - Texas Instruments

  NS32FV16-25 Datasheet HTML 1Page - Texas Instruments NS32FV16-25 Datasheet HTML 2Page - Texas Instruments NS32FV16-25 Datasheet HTML 3Page - Texas Instruments NS32FV16-25 Datasheet HTML 4Page - Texas Instruments NS32FV16-25 Datasheet HTML 5Page - Texas Instruments NS32FV16-25 Datasheet HTML 6Page - Texas Instruments NS32FV16-25 Datasheet HTML 7Page - Texas Instruments NS32FV16-25 Datasheet HTML 8Page - Texas Instruments NS32FV16-25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
Table of Contents
10 PRODUCT INTRODUCTION
6
11 NS32FX164 Special Features
6
20 ARCHITECTURAL DESCRIPTION
7
21 Register Set
7
211 General Purpose Registers
7
212 Address Registers
8
213 Processor Status Register
8
214 Configuration Register
9
215 DSP Module Registers
9
22 Memory Organization
11
221 Address Mapping
12
23 Modular Software Support
12
24 Instruction Set
12
241 General Instruction Format
12
242 Addressing Modes
14
243 Instruction Set Summary
16
25 Graphics Support
20
251 Frame Buffer Addressing
20
252 BITBLT Fundamentals
20
2521 Frame Buffer Architecture
21
2522 Bit Alignment
21
2523 Block Boundaries and Destination
Masks
21
2524 BITBLT Directions
22
2525 BITBLT Variations
23
253 Graphics Support Instructions
23
2531 BITBLT (BIT-aligned BLock Transfer) 23
2532 Pattern Fill
24
2533 Data Compression Expansion and
Magnify24
25331 Magnifying Compressed
Data
26
30 FUNCTIONAL DESCRIPTION
26
31 Instruction Execution
26
311 Operating States
26
312 Instruction Endings
26
3121 Completed Instructions
27
3122 Suspended Instructions
27
3123 Terminated Instructions
27
3124 Partially Completed Instructions
27
313 Slave Processor Instructions
27
3131 Slave Processor Protocol
27
3132 Floating-Point Instructions
28
32 Exception Processing
29
321 Exception Acknowledge Sequence
29
322 Returning from an Exception Service
Procedure
30
323 Maskable Interrupts34
3231 Non-Vectored Mode
34
3232 Vectored Mode Non-Cascaded
Case
35
3233 Vectored Mode Cascaded Case
35
324 Non-Maskable Interrupt
37
325 Traps
37
326 Priority among Exceptions
37
327 Exception Acknowledge Sequences Detailed
Flow
39
3271 MaskableNon-Maskable Interrupt
Sequence
39
3272 SLAVEILLSVCDVZFLGBPTUND
Trap Sequence
39
3273 Trace Trap Sequence
39
33 Debugging Support
40
331 Instruction Tracing
40
34 DSP Module
40
341 Programming Model
40
342 RAM Organization and Data Types
41
3421 Integer Values
41
3422 Aligned-Integer Values
41
3423 Real Values
41
3434 Aligned-Real Values
41
3425 Extended Precision Real Values
41
3426 Complex Values
42
343 Command List Format
42
344 CPU Core Interface
42
3441 Synchronization of Parallel Operation 42
3442 DSPM RAM Organization
43
345 DSPM Instruction Set
43
3451 Conventions
43
3452 Type Casting
43
3453 General Notes
44
3454 Load Register Instructions
44
3455 Store Register Instructions
45
3456 Adjust Register Instructions
46
3457 Flow Control Instructions
47
3458 Internal Memory Move Instructions
48
3459 External Memory Move Instructions
48
34510 ArithmeticLogical Instructions
49
34511 Multiply-and-Accumulate
Instructions
49
34512 Multiply-and-Add Instructions
50
34513 Clipping and MinMax Instructions
52
34514 Special Instructions
53
2


Similar Part No. - NS32FV16-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS32FV100 TI1-NS32FV100 Datasheet
1Mb / 96P
[Old version datasheet]   NS32FX100 NS32FV100 NS32FX200 System Controller
NS32FV100-20 TI1-NS32FV100-20 Datasheet
1Mb / 96P
[Old version datasheet]   NS32FX100 NS32FV100 NS32FX200 System Controller
NS32FV100-25 TI1-NS32FV100-25 Datasheet
1Mb / 96P
[Old version datasheet]   NS32FX100 NS32FV100 NS32FX200 System Controller
logo
National Semiconductor ...
NS32FV100FV NSC-NS32FV100FV Datasheet
955Kb / 94P
   System Controller
More results

Similar Description - NS32FV16-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX161-15 NSC-NS32FX161-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
logo
Texas Instruments
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641 Datasheet
2Mb / 171P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ULN3841A ETC-ULN3841A Datasheet
738Kb / 8P
   AM SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com