Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FV100-20 Datasheet(PDF) 11 Page - Texas Instruments

Part # NS32FV100-20
Description  NS32FX100 NS32FV100 NS32FX200 System Controller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NS32FV100-20 Datasheet(HTML) 11 Page - Texas Instruments

Back Button NS32FV100-20 Datasheet HTML 7Page - Texas Instruments NS32FV100-20 Datasheet HTML 8Page - Texas Instruments NS32FV100-20 Datasheet HTML 9Page - Texas Instruments NS32FV100-20 Datasheet HTML 10Page - Texas Instruments NS32FV100-20 Datasheet HTML 11Page - Texas Instruments NS32FV100-20 Datasheet HTML 12Page - Texas Instruments NS32FV100-20 Datasheet HTML 13Page - Texas Instruments NS32FV100-20 Datasheet HTML 14Page - Texas Instruments NS32FV100-20 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
20 Architecture
21 MCFGMODULE CONFIGURATION REGISTER
The software can configure some of the NS32FX100 major
operation modes by programming the Module Configuration
Register (MCFG) Some of the bits in this register are also
used to initialize the TPH block in the PRNTC the bitmap
shfiter block in the PRNTC and the scanner module When
a bit in the MCFG is ‘‘0’’ the associated module is idle
Setting a bit to ‘‘1’’ enables the operation of the associated
module Prior to activating a module its appropriate regis-
ters must be initialized by software
15
6
5
4
3
2
1
0
res
ESDC
EDMA0
ESCAN
EPBMS
ETPHB
ECOUNT
ECOUNT Enable internal counters of the TCU module
Once set this bit can not be cleared by software
The TCU counters except TIMER and WDC
must be initialized prior to setting this bit since
they start working when the ECOUNT bit is set
ETPHB
Enable Thermal Print-Head Block of the PRNTC
module The strobe-on and strobe-off counters
of this block must be initialized prior to setting
this bit to ‘‘1’’
EPBMS
Enable Bitmap Shifter Block of the PRNTC mod-
ule Clearing this bit is treated by the Bitmap
Shifter as a hardware reset The block starts op-
erating when this bit is set When disabled DMA
channel 1 uses the printer PCLKDMRQ1 pin
ESCAN
Enable Scanner module Clearing this bit is treat-
ed by the Scanner Controller as a hardware re-
set The module starts operating when this bit is
set When cleared to ‘‘0’’ DMA channel 2 uses
the scanner pins and interrupt
EDMA0
Enable scanner usage of DMA channel 0 When
cleared to ‘‘0’’ DMA channel 0 uses the scanner
pins and interrupt
ESDC
Enable Sigma-Delta CODEC module When this
bit is set the SDC operation takes place as de-
scribed in Section 23
Upon reset the non reserved bits of the MCFG are cleared
to ‘‘0’’ thus disabling the above modules and options
22 TIMING CONTROL UNIT (TCU)
221 Features
 Generation and control of clock running frequency
 CPU and NS32FX100 synchronization by Phase Lock
Loop (PLL)
 Fixed System-Tick interrupt of 100 Hz
 WATCHDOG
 Timer
 Buzzer
 Freeze mode
222 Operation
The Timing Control Unit (TCU) is responsible for generating
the clocks used for the various timing and counting func-
tions in the system and for freeze mode operation
Figure
2-1 shows how the clocks are connected in an NS32FX100-
based FAX system
TLEE11331 – 6
FIGURE 2-1 Clocks and Traps Connectivity
10


Similar Part No. - NS32FV100-20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FV100FV NSC-NS32FV100FV Datasheet
955Kb / 94P
   System Controller
More results

Similar Description - NS32FV100-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
   System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
   System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
   PM8172 System Controller
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
   Ethernet System Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Advanced Micro Devices
AM9513A AMD-AM9513A Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com