Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FX164 Datasheet(PDF) 2 Page - Texas Instruments

Part # NS32FX164
Description  Advanced Imaging/Communication Signal Processors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NS32FX164 Datasheet(HTML) 2 Page - Texas Instruments

  NS32FX164 Datasheet HTML 1Page - Texas Instruments NS32FX164 Datasheet HTML 2Page - Texas Instruments NS32FX164 Datasheet HTML 3Page - Texas Instruments NS32FX164 Datasheet HTML 4Page - Texas Instruments NS32FX164 Datasheet HTML 5Page - Texas Instruments NS32FX164 Datasheet HTML 6Page - Texas Instruments NS32FX164 Datasheet HTML 7Page - Texas Instruments NS32FX164 Datasheet HTML 8Page - Texas Instruments NS32FX164 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
TLEE11267
February 1992
NS32FX161-15NS32FX161-20NS32FX164-20
NS32FX164-25NS32FV16-20NS32FV16-25
Advanced ImagingCommunication Signal Processors
General Description
The NS32FX164 the NS32FV16 and the NS32FX161 are
high-performance 32-bit members of the Series 32000
EPTM family of National’s Embedded System ProcessorsTM
specifically optimized for CCITT Group 2 and Group 3 Fac-
simile Applications Data Modems Voice Mail Systems La-
ser Printers or any combination of the above
Unless
specified
otherwise
any
reference
to
the
NS32FX164 in this document applies to the NS32FV16 and
the NS32FX161 as well
The NS32FX164 can perform all the computations and con-
trol functions required for a stand-alone Fax system a PC
add-in FaxVoiceData Modem card or a LaserFax sys-
tem
It also meets the performance requirements to implement
14400 9600 and 7200 bps modems complying with CCITT
V17 V29 and V27 standards The NS32FV16 supports
V29 and V27 standards as well as voice The NS32FX161
supports V29 and V27 standards
The NS32FX164 provides a 16 Mbyte Linear external ad-
dress space and a 16-bit external data bus
The CPU core which is the same as that of the NS32CG16
incorporates a 32-bit ALU and instruction pipeline and an
8-byte prefetch queue
Also integrated on-chip with the CPU are a DSP Module
(DSPM) and a 4K-byte RAM Array (2K in the NS32FV16 and
NS32FX161) The DSPM is a complete processing unit ca-
pable of autonomous operation parallel to the CPU core
operation The DSPM executes programs stored in an inter-
nal on-chip Random Access Memory (RAM) and manipu-
lates data stored either in the internal RAM or in an external
off-chip memory To maximize utilization of hardware re-
sources the DSPM contains a pipelined DSP-oriented data-
path and a control logic that implements a set of DSP vec-
tor commands
The NS32FX164 capabilities can be expanded by using an
external floating point unit (FPU) which directly interfaces to
the NS32FX164 using the slave protocol The CPU-FPU
cluster features high speed execution of the floating-point
instructions
The NS32FX164 highly-efficient architecture combined with
the NS32CG16 graphics instructions and the high-perform-
ance vector operation capability makes the device the ideal
choice for PostscriptTM and Fax applications
Features
Y
Software compatible with the Series 32000EP
processors
Y
Designed around the CPU core of the NS32CG16
Y
Pin compatible with the NS32FX16
Y
32-bit architecture and implementation
Y
On-chip DSP Module for high-speed DSP operations
Y
Special support for graphics applications
18 graphics instructions
Binary compressionexpansion capability for font
storage using RLL encoding
Pattern magnification
Interface to an external BITBLT processing units for
fast color BITBLT operations
Y
4K-byte on-chip RAM array (2K in NS32FV16 and
NS32FX161)
Y
On-chip clock generator
Y
Floating-point support via the NS32081 or NS32181
Y
Optimal interface to large memory arrays via the
NS32CG821 and the DP84xx family of DRAM
controllers
Y
Power save mode
Y
High-speed CMOS technology
Y
68-pin PLCC package
Block Diagram
TLEE11267 – 1
FIGURE 1-1 CPU Block Diagram
Series 32000
is a registered trademark of National Semiconductor Corporation
EPTM and Embedded System ProcessorsTM are trademarks of National Semiconductor Corporation
PostscriptTM is a trademark of Adobe Systems Inc
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - NS32FX164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX164V-15 NSC-NS32FX164V-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
NS32FX164V-20 NSC-NS32FX164V-20 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
NS32FX164V-25 NSC-NS32FX164V-25 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
More results

Similar Description - NS32FX164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX161-15 NSC-NS32FX161-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
logo
Texas Instruments
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641 Datasheet
2Mb / 171P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ULN3841A ETC-ULN3841A Datasheet
738Kb / 8P
   AM SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com