Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1645 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA1645
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1645 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1645 Datasheet HTML 6Page - Sony Corporation CXA1645 Datasheet HTML 7Page - Sony Corporation CXA1645 Datasheet HTML 8Page - Sony Corporation CXA1645 Datasheet HTML 9Page - Sony Corporation CXA1645 Datasheet HTML 10Page - Sony Corporation CXA1645 Datasheet HTML 11Page - Sony Corporation CXA1645 Datasheet HTML 12Page - Sony Corporation CXA1645 Datasheet HTML 13Page - Sony Corporation CXA1645 Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
– 10 –
CXA1645P/M
Application Circuit (NTSC mode)
Application Circuit (PAL mode)
BPF
PHASE
SHIFTER
R-Y
Modulator
B-Y
Modulator
PULSE
GEN
VIDEO
OUT
75
DRIVER
75
DRIVER
REGULATOR
SYNC
ADD
CLAMP
DELAY
Y/C
MIX
R-OUT
G-OUT
B-OUT
CLAMP
CLAMP
CLAMP
SIN-PULSE
0.1µ
NC
NC
NC
NC
0.1µ
0.01µ
47µ
+5V
47µ
220µ
75
220µ
75
220µ
75
220µ
75
220µ
75
220µ
75
R
OUT
0.01µ
20k
47k
0.1µ
10µ
15
16
17
13
14
18
19
20
21
22
23
24
G
OUT
B
OUT
CV
OUT
C
OUT
Y
OUT
B
IN
0.1µ
G
IN
0.1µ
R
IN
SCIN
SYNC
IN
2
3
4
5
1
8
9
6
7
11
12
10
VCC
1%
Metal film resistor ±1%
BPF
PHASE
SHIFTER
R-Y
Modulator
B-Y
Modulator
PULSE
GEN
VIDEO
OUT
75
DRIVER
75
DRIVER
REGULATOR
SYNC
ADD
CLAMP
DELAY
Y/C
MIX
R-OUT
G-OUT
B-OUT
CLAMP
CLAMP
CLAMP
SIN-PULSE
0.1µ
NC
NC
NC
NC
0.1µ
0.01µ
47µ
+5V
47µ
220µ
75
220µ
75
220µ
75
220µ
75
220µ
75
220µ
75
R
OUT
0.01µ
16k
47k
0.1µ
10µ
15
16
17
13
14
18
19
20
21
22
23
24
G
OUT
B
OUT
CV
OUT
C
OUT
Y
OUT
B
IN
0.1µ
G
IN
0.1µ
R
IN
SCIN
SYNC
IN
2
3
4
5
1
8
9
6
7
11
12
10
VCC
1%
Metal film resistor ±1%
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Similar Part No. - CXA1645

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1642 SONY-CXA1642 Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1642M SONY-CXA1642M Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1642P SONY-CXA1642P Datasheet
76Kb / 5P
   VOCAL CANCELLER FOR KARAOKE EQUIPMENT
CXA1644 SONY-CXA1644 Datasheet
222Kb / 11P
   ECHO EFFECT GENERATOR
CXA1644P SONY-CXA1644P Datasheet
222Kb / 11P
   ECHO EFFECT GENERATOR
More results

Similar Description - CXA1645

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1268 MITSUMI-MM1268 Datasheet
193Kb / 7P
   RGB Encoder
logo
List of Unclassifed Man...
ES71145 ETC-ES71145 Datasheet
113Kb / 7P
   RGB ENCODER
logo
Fujitsu Component Limit...
MB3516A FUJITSU-MB3516A Datasheet
126Kb / 13P
   RGB Encoder
logo
Sony Corporation
CXA1145P SONY-CXA1145P Datasheet
315Kb / 12P
   RGB Encoder
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2197D SAMSUNG-KA2197D Datasheet
55Kb / 5P
   RGB ENCODER FOR NTSC
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com