Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1846MDWREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UC1846MDWREP
Description  CURRENT-MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1846MDWREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC1846MDWREP Datasheet HTML 5Page - Texas Instruments UC1846MDWREP Datasheet HTML 6Page - Texas Instruments UC1846MDWREP Datasheet HTML 7Page - Texas Instruments UC1846MDWREP Datasheet HTML 8Page - Texas Instruments UC1846MDWREP Datasheet HTML 9Page - Texas Instruments UC1846MDWREP Datasheet HTML 10Page - Texas Instruments UC1846MDWREP Datasheet HTML 11Page - Texas Instruments UC1846MDWREP Datasheet HTML 12Page - Texas Instruments UC1846MDWREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
Peak current (IS) is determined by the formula:
R1 + R2
S
=
−0.5
3R
0.5 mA
0.5 V
R2 VREF
R2 VREF
IS
UC1846-EP
CURRENT-MODE PWM CONTROLLER
SGLS329 – MAY 2006
APPLICATION INFORMATION (continued)
Figure 7. Pulse-by-Pulse Current Limiting
9
Submit Documentation Feedback


Similar Part No. - UC1846MDWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1846 TI-UC1846 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC1846 TI-UC1846 Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC1846 TI-UC1846 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC1846 TI-UC1846 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1846 TI1-UC1846 Datasheet
1Mb / 24P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC1846MDWREP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com