Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1637-SP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC1637-SP
Description  RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1637-SP Datasheet(HTML) 3 Page - Texas Instruments

  UC1637-SP Datasheet HTML 1Page - Texas Instruments UC1637-SP Datasheet HTML 2Page - Texas Instruments UC1637-SP Datasheet HTML 3Page - Texas Instruments UC1637-SP Datasheet HTML 4Page - Texas Instruments UC1637-SP Datasheet HTML 5Page - Texas Instruments UC1637-SP Datasheet HTML 6Page - Texas Instruments UC1637-SP Datasheet HTML 7Page - Texas Instruments UC1637-SP Datasheet HTML 8Page - Texas Instruments UC1637-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UC1637-SP
www.ti.com
SLUS950 – FEBRUARY 2010
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VS = 15 V, –VS = –15 V, +VTH = 5 V, –VTH = –5 V, RT = 16.7 kΩ, CT = 1500 pF,
TA = –55°C to 125°C = TJ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
TJ = 25°C
9.4
10
10.6
Initial accuracy(1)
kHz
TJ = –55°C to 125°C
9.2
10.8
VS = ±5 V to ±20 V, +VTH = 3 V,
Voltage stability
5
7
%
-VTH = –3 V
Temperature stability
Over operating range
0.5
%
+VTH
CT = 6 V
–10
0.1
10
Input bias current
mA
–VTH
CT = 0 V
–10
–0.5
Input range (+VTH, –VTH)
–VS+2
+VS-2
V
ERROR AMPLIFIER
Input offset voltage
VCM = 0 V
1.5
±5
mV
Input bias current
VCM = 0 V
0.5
5
mA
Input offset current
VCM = 0 V
0.1
±1
mA
Common mode range
VS = ±2.5 V to ±20 V
–VS+2
+VS
V
Open loop volage gain
RL = 10k
75
100
dB
Slew rate
15
V/ms
Unity gain bandwidth
1
MHz
CMRR
Over common mode range
75
100
dB
PSRR
VS = ±2.5 V to ±20 V
75
110
dB
Output sink current
E/AOUTPUT = 0 V
20
50
mA
Output source current
E/AOUTPUT = 0 V
–11
–5
mA
High level output voltage
13
13.6
V
Low level output voltage
–14.8
–13
V
PWM COMPARATORS
Input offset voltage
VCM = 0 V
–10
20
50
mV
Input bias current
VCM = 0 V
2
10
mA
Input Hysteresis
VCM = 0 V
10
30
mV
Common mode range
VS = ±5 V to ±20 V
–VS+1
+VS-2
V
CURRENT LIMIT
VCM = 0 V, TJ = 25°C
190
200
210
Input offset voltage
mV
VCM = 0 V, TJ = –55°C to 125°C
160
370
Input offset voltage T.C.
–0.2
mV/°C
Input bias current
–10
–1.5
mA
Common mode range
VS = ±2.5 V to ±20 V
–VS
+VS-3
V
SHUTDOWN
Shutdown threshold(2)
–2.7
–2.5
–2.3
V
Hysteresis
40
mV
Input bias current
SHUTDOWN = +VS to –VS
–10
–0.5
mA
UNDER-VOLTAGE LOCKOUT
Start threshold(3)
4.15
5
V
Hysteresis
75
250
500
mV
TOTAL STANDBY CURRENT
Supply current
8.5
15
mA
(1)
RT and CT referenced to ground.
(2)
Parameter measured with respect to +VS (Pin 6).
(3)
Parameter measured at +VS (Pin 6) with respect to -VS (Pin 5).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1637-SP


Similar Part No. - UC1637-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1637-SP TI1-UC1637-SP Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
More results

Similar Description - UC1637-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1637L883B TI-UC1637L883B Datasheet
337Kb / 7P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_15 Datasheet
913Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI-UC1637 Datasheet
357Kb / 9P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1637 TI1-UC1637_17 Datasheet
908Kb / 12P
[Old version datasheet]   Switched Mode Controller for DC Motor Drive
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com