Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX517IZCQ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TX517IZCQ
Description  Dual Channel, High-Voltage ??Multi-Level Output Fully Integrated Ultrasound Transmitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TX517IZCQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TX517IZCQ Datasheet HTML 7Page - Texas Instruments TX517IZCQ Datasheet HTML 8Page - Texas Instruments TX517IZCQ Datasheet HTML 9Page - Texas Instruments TX517IZCQ Datasheet HTML 10Page - Texas Instruments TX517IZCQ Datasheet HTML 11Page - Texas Instruments TX517IZCQ Datasheet HTML 12Page - Texas Instruments TX517IZCQ Datasheet HTML 13Page - Texas Instruments TX517IZCQ Datasheet HTML 14Page - Texas Instruments TX517IZCQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
-90
-70
-50
-30
-10
10
30
50
70
90
0
0.05
0.1
0.15
0.2
0.25
0.3
t - Time - s
m
CHA
CHB
CHA-CHB
-90
-70
-50
-30
-10
10
30
50
70
90
0
0.05
0.1
0.15
0.2
0.25
0.3
t - Time - s
m
CHA
CHB
CHA-CHB
0.4
0.35
-0.5
0
0.5
1
1.5
2
2.5
3
-90
-70
-50
-30
-10
10
30
50
70
90
t - Time - s
m
CHA-CHB
CHB
CHA
TX517
www.ti.com
SLOS725A
– SEPTEMBER 2011 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS
All Specifications at: TA = 25°C, VAA = +2.5V, VDD = +5V. VEE = –5V, HV0 = 1.9V, LV0 = –1.9V, HV2 = 32V, LV2 = –11.9V,
HV1 = +61.1V, LV1 =
–20.9V, VCW = 11V, RL = 100Ω to GND for OUTA, RL = 100Ω to GND for OUTB, unless otherwise
noted.
Figure 1. 17-level Outputs with 10ns Pulse Width (100MSPS)
Figure 2. 17-level Outputs with 20ns Pulse Width (50MSPS)
Figure 3. 5MHz 3-level 10 Cycles Outputs
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TX517


Similar Part No. - TX517IZCQ

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX51-32-14 FERROXCUBE-TX51-32-14 Datasheet
43Kb / 3P
   Alloy powder toroids
TX51-32-19 FERROXCUBE-TX51-32-19 Datasheet
45Kb / 3P
   Ferrite toroids
TX51/14-H2-A152 FERROXCUBE-TX51/14-H2-A152 Datasheet
43Kb / 3P
   Alloy powder toroids
TX51/14-H2-A17 FERROXCUBE-TX51/14-H2-A17 Datasheet
43Kb / 3P
   Alloy powder toroids
TX51/14-H2-A32 FERROXCUBE-TX51/14-H2-A32 Datasheet
43Kb / 3P
   Alloy powder toroids
More results

Similar Description - TX517IZCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5804 TI1-AFE5804_17 Datasheet
693Kb / 63P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
logo
Supertex, Inc
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
   Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
   Two Channel, Five Level, High Speed Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
   3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
logo
Supertex, Inc
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
logo
Texas Instruments
AFE5804 TI-AFE5804_1 Datasheet
937Kb / 61P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com