Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX517 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TX517
Description  Dual Channel, High-Voltage ??Multi-Level Output Fully Integrated Ultrasound Transmitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TX517 Datasheet(HTML) 3 Page - Texas Instruments

  TX517 Datasheet HTML 1Page - Texas Instruments TX517 Datasheet HTML 2Page - Texas Instruments TX517 Datasheet HTML 3Page - Texas Instruments TX517 Datasheet HTML 4Page - Texas Instruments TX517 Datasheet HTML 5Page - Texas Instruments TX517 Datasheet HTML 6Page - Texas Instruments TX517 Datasheet HTML 7Page - Texas Instruments TX517 Datasheet HTML 8Page - Texas Instruments TX517 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TX517
www.ti.com
SLOS725A
– SEPTEMBER 2011 – REVISED JANUARY 2012
PIN FUNCTIONS
PIN NAME
DESCRIPTION
SUPPLIES
VAAx
Input Logic Supply (+2.5V)
VDD
+5V Driver Supply
VEE
–5V Driver Supply
HV0A, HV0B
Positive Supply of Low-voltage FET Output stage; Channel A and B
LV0A, LV0B
Negative Supply of Low-voltage FET Output stage; Channel A and B
HV2A, HV2B
Positive Supply of Intermediate voltage FET Output stage; this stage includes an internal de-glitcher
circuit.Channel A and B
LV2A, LV2B
Negative Supply of Intermediate voltage FET Output stage; this stage includes an internal de-glitcher
circuit.Channel A and B
HV1A, HV1B
Positive Supply of High-voltage FET Output stage; Channel A and B
LV1A, LV1B
Negative Supply of High-voltage FET Output stage; Channel A and B
VCWA, VCWB
Supply connections for CW FET output stage; Channel A and B
GND
Ground connection; Driver
GNDCWA, GNDCWB
Ground connection for CW FET output stage of Channel A and B
BIAS
Connect to VAA (+2.5V); used for internal biasing; high-impedance input
INPUTS
INP0A, INP0B
Logic input signal for the Low-voltage P-FET stage of channel A and B; Low = ON, High = OFF. Controls
HV0A, HV0B. High impedance input.
INN0A, INN0B
Logic input signal for the Low-voltage N-FET stage of channel A and B; Low = OFF, High = ON. Controls
LV0A, LV0B. High impedance input.
INP2A, INP2B
Logic input signal for the Intermediate voltage P-FET stage of channel A and B; Low = ON, High = OFF.
Controls HV2A, HV2B. High impedance input.
INN2A, INN2B
Logic input signal for the Intermediate Voltage N-FET stage of channel A and B; Low = OFF, High = ON.
Controls LV2A, LV2B. High impedance input.
INP1A, INP1B
Logic input signal for the High-voltage P-FET stage of channel A and B; Low = ON, High = OFF. Controls
HV1A, HV1B. High impedance input.
INN1A, INN1B
Logic input signal for the High-voltage N-FET stage of channel A and B; Low = OFF, High = ON. Controls
LV1A, LV1B. High impedance input.
CWINA
CW gate input signal for A output. An input
‘1’ means that current sinks from OUTA. An input ‘0’ means that
current sources from OUTA. This pin directly accesses the output A CW FET gates.
CWINB
CW gate input signal for B output. An input
‘1’ means that current sinks from OUTB. An input ‘0’ means that
current sources from OUTB. This pin directly accesses the output B CW FET gates.
EN
Logic Input for non-CW path; use the Enable-pin to select between input data being latched or transparent
operation. Low = input data will be retimed by the internal (T
&H) at the rate of the applied clock at PCLKIN.
High = use this mode when operating the TX517 without a clock. When High (1) the input data will bypass the
(T
&H). This pin is a common control for Channel A and B. High impedance input.
PDM
Power-down control input non-CW path; Low = power-down, High = normal operation. The PDM-pin controls
the voltage translation circuits which draw some quiescent power. This pin is a common control for Channel A
and B. High impedance input.
PCLKIN
Clock input for usage in latch (T
&H) mode. When clock signal is high, the (T&H) circuit is in track mode. When
clock signal is low, the (T
&H) is in hold mode. This pin is a common clock input for both Channel A and B. High
impedance input.
OUTPUTS
OUTA
Output Channel A
OUTB
Output Channel B
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TX517


Similar Part No. - TX517

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX51-32-14 FERROXCUBE-TX51-32-14 Datasheet
43Kb / 3P
   Alloy powder toroids
TX51-32-19 FERROXCUBE-TX51-32-19 Datasheet
45Kb / 3P
   Ferrite toroids
TX51/14-H2-A152 FERROXCUBE-TX51/14-H2-A152 Datasheet
43Kb / 3P
   Alloy powder toroids
TX51/14-H2-A17 FERROXCUBE-TX51/14-H2-A17 Datasheet
43Kb / 3P
   Alloy powder toroids
TX51/14-H2-A32 FERROXCUBE-TX51/14-H2-A32 Datasheet
43Kb / 3P
   Alloy powder toroids
More results

Similar Description - TX517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5804 TI1-AFE5804_17 Datasheet
693Kb / 63P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
logo
Supertex, Inc
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
   Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
   Two Channel, Five Level, High Speed Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
   3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
logo
Supertex, Inc
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
logo
Texas Instruments
AFE5804 TI-AFE5804_1 Datasheet
937Kb / 61P
[Old version datasheet]   FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com