Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL2213CAPFBR Datasheet(PDF) 9 Page - Texas Instruments

Part # TWL2213CAPFBR
Description  POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL2213CAPFBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TWL2213CAPFBR Datasheet HTML 5Page - Texas Instruments TWL2213CAPFBR Datasheet HTML 6Page - Texas Instruments TWL2213CAPFBR Datasheet HTML 7Page - Texas Instruments TWL2213CAPFBR Datasheet HTML 8Page - Texas Instruments TWL2213CAPFBR Datasheet HTML 9Page - Texas Instruments TWL2213CAPFBR Datasheet HTML 10Page - Texas Instruments TWL2213CAPFBR Datasheet HTML 11Page - Texas Instruments TWL2213CAPFBR Datasheet HTML 12Page - Texas Instruments TWL2213CAPFBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TWL2213CA
POWER SUPPLY MANAGEMENT IC AND
Li-Ion BATTERY CHARGE CONTROL
SLVS280 – MARCH 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
LED driver
The TWL2213 device provides the capability of driving three LEDs. These drivers, enabled by I2C, can drive
currents of 160 mA, 20 mA, and 10 mA individually with a maximum voltage drop of 0.8 V.
ringer driver
The TWL2213 device provides the capability of driving a ringer. It is enabled by I2C and uses an N-channel FET
with a maximum resistance of 3
Ω.
I2C
This block provides I2C interface to the external devices.
battery charger control
This block provides the necessary signals to control the external circuits that perform the charger function. The
charging activities include battery pack wake up, precharge, fast charge, and battery temperature monitoring.
This block also provides two ADC inputs for general measurement purpose. The input voltage level is from 0
to 2 volts. This block also includes an oscillator generator circuit, which generates the clocks for the device. The
nominal frequency of the main clock is 500 kHz. It requires an external capacitor of 470 pF.
reference system
This block provides voltage reference and bias current for the internal circuitry.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
VCHG to GND (terminal 34)
– 0.3 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All other terminals relative to GND
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature
– 25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
– 25
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Soldering temperature (for 10 seconds)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
MAX
UNIT
VCHG
4.5
6
V
VDD1 – VDD5
3.3
4.3
V
High-level logic input, PWRKIN, SEL, CONT
0.7VDD1
VDD1
V
Low-level logic input, PWRKIN, SEL, CONT
GND
0.3VDD1
V
High-level logic input, PSH
0.7VREG1
VREG1
V
Low-level logic input, PSH
GND
0.3VREG1
V
Precharge current
100
mA


Similar Part No. - TWL2213CAPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL2203 TI-TWL2203 Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
TWL2203GGV TI-TWL2203GGV Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
TWL2203GGVR TI-TWL2203GGVR Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
TWL2203PFB TI-TWL2203PFB Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
TWL2203PFBR TI-TWL2203PFBR Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
More results

Similar Description - TWL2213CAPFBR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
   LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
   Li-ion Battery Charge Control IC
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
logo
Silicon Standard Corp.
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com