Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1106 Datasheet(PDF) 10 Page - Texas Instruments

Part # TWL1106
Description  VOICE-BAND AUDIO PROCESSOR (VBAP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL1106 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TWL1106 Datasheet HTML 6Page - Texas Instruments TWL1106 Datasheet HTML 7Page - Texas Instruments TWL1106 Datasheet HTML 8Page - Texas Instruments TWL1106 Datasheet HTML 9Page - Texas Instruments TWL1106 Datasheet HTML 10Page - Texas Instruments TWL1106 Datasheet HTML 11Page - Texas Instruments TWL1106 Datasheet HTML 12Page - Texas Instruments TWL1106 Datasheet HTML 13Page - Texas Instruments TWL1106 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TWL1106
VOICEBAND AUDIO PROCESSOR (VBAP)
SLWS094 – JUNE 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
01
2
3
4
N–2N–1
N
N+1
Transmit Time Slot
12
3
4
N–2N–1N
80%
20%
tsu(PCMSYN)
th(PCMSYN)
See Note A
See Note C
See Note B
tpd2
tpd1
See Note D
tsu(PCMO)
tpd3
80%
20%
MCLK
PCMSYN
PCMO
NOTES: A. This window is allowed for PCMSYN high.
B. This window is allowed for PCMSYN low (th(PCMSYN)max determined by data collision considerations).
C. Transitions are measured at 50%.
D. Bit 1 = Most significant bit (MSB), Bit N = Least significant bit (LSB)
Figure 1. Transmit Timing Diagram
80%
20%
See Note C
PCMI
PCMSYN
MCLK
01
2
3
4
N –2N –1
N
N +1
20%
80%
12
3
4
N –2N –1N
See Note D
th(PCMSYN)
tsu(PCMSYN)
See Note A
tsu(PCMI)
th(PCMI)
See Note B
Receive Time Slot
NOTES: A. This window is allowed for PCMSYN high.
B. This window is allowed for PCMSYN low.
C. Transitions are measured at 50%.
D. Bit 1 = Most significant bit (MSB), Bit N = Least significant bit (LSB)
Figure 2. Receive Timing Diagram


Similar Part No. - TWL1106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFB TI-TWL1101PFB Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results

Similar Description - TWL1106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1103T-Q1 TI-TWL1103T-Q1 Datasheet
411Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP)
TWL1103 TI1-TWL1103_01 Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1107 TI1-TWL1107 Datasheet
265Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TCM320AC56 TI1-TCM320AC56 Datasheet
332Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAP田?
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com