Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1106 Datasheet(PDF) 8 Page - Texas Instruments

Part # TWL1106
Description  VOICE-BAND AUDIO PROCESSOR (VBAP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL1106 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TWL1106 Datasheet HTML 4Page - Texas Instruments TWL1106 Datasheet HTML 5Page - Texas Instruments TWL1106 Datasheet HTML 6Page - Texas Instruments TWL1106 Datasheet HTML 7Page - Texas Instruments TWL1106 Datasheet HTML 8Page - Texas Instruments TWL1106 Datasheet HTML 9Page - Texas Instruments TWL1106 Datasheet HTML 10Page - Texas Instruments TWL1106 Datasheet HTML 11Page - Texas Instruments TWL1106 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TWL1106
VOICEBAND AUDIO PROCESSOR (VBAP)
SLWS094 – JUNE 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air temperature
(unless otherwise noted) (continued)
receive filter transfer, companded mode (
µ-law) or linear mode selected (MCLK = 2.048 MHz) (see Note 10)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fEAROUT < 100 Hz
–15
fEAROUT = 200 Hz
–5
fEAROUT = 300 Hz to 3 kHz
–0.5
0.5
Gain relative to input signal gain at 1.02-kHz
fEAROUT = 3.4 kHz
–1.5
0
dB
Gain relative to in ut signal gain at 1.02 kHz
fEAROUT = 4 kHz
–14
dB
fEAROUT = 4.6 kHz
–35
fEAROUT = 8 kHz
–47
NOTE 10: Volume control = –3 dB, PCMI data input to –1 dB level (32-
Ω load)
receive idle channel noise and distortion, companded mode (
µ-law) selected (see Note 10)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receive noise, C-message weighted
PCMI = 11111111 (
µ-law)
–90
–88
dBm0
PCMI to EAROUT–, EAROUT+ at 3 dBm0
21
PCMI to EAROUT–, EAROUT+ at 0 dBm0
25
PCMI to EAROUT–, EAROUT+ at –5 dBm0
36
Receive signal-to-distortion ratio with 1.02-kHz
PCMI to EAROUT–, EAROUT+ at –10 dBm0
43
dB
Receive signal to distortion ratio with 1.02 kHz
sine-wave input
PCMI to EAROUT–, EAROUT+ at –20 dBm0
40
dB
PCMI to EAROUT–, EAROUT+ at –30 dBm0
38
PCMI to EAROUT–, EAROUT+ at –40 dBm0
28
PCMI to EAROUT–, EAROUT+ at –45 dBm0
23
NOTE 10: Volume control = –3 dB, PCMI data input to –1 dB level (32-
Ω load)
receive idle channel noise and distortion, linear mode selected (see Note 10)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receive noise, (20-Hz to 20-kHz brickwall window)
PCMI = 0000000000000
–83
–78
dBm0
PCMI to EAROUT–, EAROUT+ at 3 dBm0
48
52
PCMI to EAROUT–, EAROUT+ at 0 dBm0
51
56
PCMI to EAROUT–, EAROUT+ at –5 dBm0
57
59
Receive signal-to-distortion ratio with 1.02-kHz
PCMI to EAROUT–, EAROUT+ at –10 dBm0
55
62
dB
Receive signal to distortion ratio with 1.02 kHz
sine-wave input (0–4 kHz)
PCMI to EAROUT–, EAROUT+ at –20 dBm0
51
53
dB
PCMI to EAROUT–, EAROUT+ at –30 dBm0
45
47
PCMI to EAROUT–, EAROUT+ at –40 dBm0
42
47
PCMI to EAROUT–, EAROUT+ at –45 dBm0
35
45
Intermodulation distortion, 2-tone CCITT method,
CCITT G.712 (7.1), R2
50
dB
Intermodulation distortion, 2 tone CCITT method,
composite power level, –13 dBm0
CCITT G.712 (7.2), R2
54
dB
NOTE 10: Volume control = –3 dB, PCMI data input to –1 dB level (32-
Ω load)


Similar Part No. - TWL1106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFB TI-TWL1101PFB Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results

Similar Description - TWL1106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1103T-Q1 TI-TWL1103T-Q1 Datasheet
411Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP)
TWL1103 TI1-TWL1103_01 Datasheet
415Kb / 30P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TWL1107 TI1-TWL1107 Datasheet
265Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP田?
TCM320AC56 TI1-TCM320AC56 Datasheet
332Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAP田?
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com