Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1622M Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA1622M
Description  Stereo Power Amplifier/Monaural BTL Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1622M Datasheet(HTML) 3 Page - Sony Corporation

  CXA1622M Datasheet HTML 1Page - Sony Corporation CXA1622M Datasheet HTML 2Page - Sony Corporation CXA1622M Datasheet HTML 3Page - Sony Corporation CXA1622M Datasheet HTML 4Page - Sony Corporation CXA1622M Datasheet HTML 5Page - Sony Corporation CXA1622M Datasheet HTML 6Page - Sony Corporation CXA1622M Datasheet HTML 7Page - Sony Corporation CXA1622M Datasheet HTML 8Page - Sony Corporation CXA1622M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
—3—
CXA1622M/P
Pin
Symbol
Equivalent circuit
Pin voltage
Description
No.
3 V
6 V
14
15
2
VOL
REG
SW
VCC
20k
80k
GND
14
VCC
4k
24k
15
VCC
15k
15k
REG
2
0 to
1.25
1.25
1.25
0 to
1.25
1.25
1.25
Control gain with change in voltage
(0 to 1.25 V) to electrical volume
control pin.
Regulator pin
Mode selection SW
• BTL mode when open
• Stereo mode when connected to
GND
Block Diagram, Pin Configuration, and Application Circuit
1) Stereo mode
+
+
IN1
C2
10µ
C3
10µ
R1
50k
C5
3.3µ
C7
0.1µ
C9
0.1µ
C10
220µ
C12
220µ
V1
3V
GND
SP1
8
OUT1
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
REG
VOL
PRE+POWER1
PRE+POWER2
IN2
C1
10µ
C4
3.3µ
C5
0.1µ
C8
10µ
C11
220µ
GND
GND
OUT2
SP2
8


Similar Part No. - CXA1622M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1621S SONY-CXA1621S Datasheet
392Kb / 13P
   CXA1621S
More results

Similar Description - CXA1622M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993TH SANYO-LV4993TH Datasheet
563Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993M SANYO-LV4993M Datasheet
524Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
LA4810M SANYO-LA4810M Datasheet
622Kb / 12P
   Monolithic Linear IC Stereo/Monaural BTL Power
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com