Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XA1619 Datasheet(PDF) 3 Page - Sony Corporation

Part # XA1619
Description  FM/AM Radio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XA1619 Datasheet(HTML) 3 Page - Sony Corporation

  XA1619 Datasheet HTML 1Page - Sony Corporation XA1619 Datasheet HTML 2Page - Sony Corporation XA1619 Datasheet HTML 3Page - Sony Corporation XA1619 Datasheet HTML 4Page - Sony Corporation XA1619 Datasheet HTML 5Page - Sony Corporation XA1619 Datasheet HTML 6Page - Sony Corporation XA1619 Datasheet HTML 7Page - Sony Corporation XA1619 Datasheet HTML 8Page - Sony Corporation XA1619 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
—3—
CXA1619AM/AS
Standard Circuit Design Data
(The pin numbers in the parenthesis are for CXA1619AS.)
Voltage (V)
No.
Symbol
VCC=3 V VCC=6 V
Equivalent circuit
Description
FM AM FM AM
1
(1, 2)
2 (3)
3 (4)
27 (28)
4 (5)
5 (6)
6 (7)
8 (9)
7 (8)
GND
FM DISCRI
NF
AF OUT
VOL CONT
AM OSC
AFC
REG OUT
FM OSC
0
0
0
0
2.18 2.70 4.88 5.43
1.5 1.5 3.0 3.0
1.5 1.5 3.0 3.0
1.25 1.25 1.25 1.25
1.25 1.25 1.25 1.25
1.25
∗ 1.25 ∗
1.25 1.25 1.25 1.25
1.25 1.25 1.25 1.25
2
1k
1.2k
3
27
VCC
GND
×100
×100
4
GND
20k
80k
5
3.6k
6
8
1.25V
(REG)
7
Phase-shift circuit Connect
ceramic discriminator
Negative feedback pin
Power amplifier output pin
Connect variable resistor for
electronic volume control.
AM local oscillation circuit
AFC variable capacitor pin
Regulator pin 1.25 V (Typ.)
FM local oscillation circuit


Similar Part No. - XA1619

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
XA1619 SONY-XA1619 Datasheet
198Kb / 11P
   FM/AM Radio
XA1619 SONY-XA1619 Datasheet
298Kb / 12P
   FM/AM Radio
More results

Similar Description - XA1619

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619BM SONY-CXA1619BM Datasheet
198Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com