Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5234B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1N5234B
Description  EPITAXIAL ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1N5234B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  1N5234B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1N5234B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
1N5221B
THRU 1N5267B
Polarity:
T
Case:
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
D
D
D
Average Power Dissipation
Zener Voltage
Withstand Hard Envirnment
D
D
Plastic Mold Package
Can be use for an automatic mounting machine
Steady State Power Derating
Lead Temperature (°°°°°C)
Temperature Coefficients vs. Voltage
Zener Voltage (V)
Typical Junction Capacitance
Zener Voltage (V)
50% Vz Bias
0 V Bias
1 V Bias
Zener Current vs. Zener Voltage
Zener Voltage (V)
MECHANICAL DATA
DO-35, Glass
erminals: Solderable per MIL-STD-202,
Method 208
Cathode Band
Approx. Weight: 0.13 grams
D
D
D
D
1N5221B THRU 1N5267B
EPITAXIAL ZENER DIODE
2.4V-75V
1.7A-20A
.120(3.0)
.200(5.1)
0.60(1.5)
0.90(2.3)
0.024(0.60)
D0-35


Similar Part No. - 1N5234B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5234B VISHAY-1N5234B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5234B SECOS-1N5234B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Shenzhen Ping Sheng Ele...
1N5234B PFS-1N5234B Datasheet
157Kb / 2P
   Zener diode
logo
Weitron Technology
1N5234B WEITRON-1N5234B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Microdiode Electronics ...
1N5234B CHENDA-1N5234B Datasheet
184Kb / 3P
   ZENER DIODES
More results

Similar Description - 1N5234B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Diotech Company.
BZX85C3V3 DIOTECH-BZX85C3V3 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
   500mW EPITAXIAL ZENER DIODE
GDZJ2 DIOTECH-GDZJ2 Datasheet
1Mb / 5P
   500mW EPITAXIAL ZENER DIODE
logo
Comchip Technology
1N5221B COMCHIP-1N5221B Datasheet
32Kb / 2P
   500mw Epitaxial Zener Diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Diotech Company.
DL4728A DIOTECH-DL4728A Datasheet
902Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com