Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76501QDRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76501QDRQ1
Description  ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76501QDRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS76501QDRQ1 Datasheet HTML 1Page - Texas Instruments TPS76501QDRQ1 Datasheet HTML 2Page - Texas Instruments TPS76501QDRQ1 Datasheet HTML 3Page - Texas Instruments TPS76501QDRQ1 Datasheet HTML 4Page - Texas Instruments TPS76501QDRQ1 Datasheet HTML 5Page - Texas Instruments TPS76501QDRQ1 Datasheet HTML 6Page - Texas Instruments TPS76501QDRQ1 Datasheet HTML 7Page - Texas Instruments TPS76501QDRQ1 Datasheet HTML 8Page - Texas Instruments TPS76501QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
Line Regulation (mV)
+ (% V)
V
O(VI(max) * 2.7 V)
100
1000
Line Regulation (mV)
+ % V
V
O VI(max)
* VO ) 1 V
100
1000
TPS76501-Q1
ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT
VOLTAGE REGULATOR
SLVS800 – DECEMBER 2007
VI = VO(typ) + 1 V, IO = 10 µA, EN = 0 V, CO = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
25
°C
VO
TPS76501
5.5 V
≥ VO ≥ 1.25 V
–40
°C to 125°C
0.97VO
1.03VO
25
°C
1.5
TPS76515
2.7 V < VIN < 10 V
–40
°C to 125°C
1.455
1.545
25
°C
1.8
TPS76518
2.8 V < VIN < 10 V
–40
°C to 125°C
1.746
1.854
25
°C
2.5
TPS76525
3.5 V < VIN < 10 V
–40
°C to 125°C
2.425
2.575
25
°C
2.7
Output voltage(1)
TPS76527 10-
µA to 150-mA load
3.7 V < VIN < 10 V
V
–40
°C to 125°C
2.619
2.781
25
°C
2.8
TPS76528
3.8 V < VIN < 10 V
–40
°C to 125°C
2.716
2.884
25
°C
3
TPS76530
4 V < VIN < 10 V
–40
°C to 125°C
2.910
3.090
25
°C
3.3
TPS76533
4.3 V < VIN < 10 V
–40
°C to 125°C
3.201
3.399
25
°C
5
TPS76550
6 V < VIN < 10 V
–40
°C to 125°C
4.850
5.150
10
µA < I
O < 150 mA
25
°C
35
Quiescent current (GND
µA
current)(1)
IO = 150 mA
–40
°C to 125°C
50
Output voltage line regulation(1)(2)
VO + 1 V < VI ≤ 10 V
25
°C
0.01
%/V
(
ΔVO/VO)
Load regulation
IO = 10 µA to 150 mA
–40
°C to 125°C
0.3
%
Output noise voltage
BW = 300 Hz to 50 kHz, CO = 4.7 µF
25
°C
200
µVrms
Output current limit
VO = 0 V
–40
°C to 125°C
0.8
1.2
A
Thermal shutdown junction
150
°C
temperature
25
°C
1
Standby current
EN = VI, 2.7 V < VI < 10 V
µA
–40
°C to 125°C
10
FB input current
TPS76501 FB = 1.5 V
–40
°C to 125°C
2
nA
High-level EN input voltage
–40
°C to 125°C
2
V
Low-level EN input voltage
–40
°C to 125°C
0.8
V
Power-supply ripple rejection(1)
f = 1 kHz, CO = 4.7 µF, IO = 10 mA
25
°C
63
dB
Minimum input voltage for
IO(PG) = 300 µA
–40
°C to 125°C
1.1
V
valid PG
Trip threshold voltage
VO decreasing
–40
°C to 125°C
92
98
%VO
PG
Hysteresis voltage
Measured at VO
–40
°C to 125°C
0.5
%VO
Output low voltage
VI = 2.7 V, IO(PG) = 1 mA
–40
°C to 125°C
0.15
0.4
V
Leakage current
V(PG) = 5 V
–40
°C to 125°C
1
µA
EN = 0 V
–1
0
1
EN input current
–40
°C to 125°C
µA
EN = VI
–1
1
(1)
Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V.
(2)
If VO ≤ 1.8 V then VI(min) = 2.7 V, VI(max) = 10 V:
If VO ≥ 2.5 V then VI(min) = VO + 1 V, VI(max) = 10 V:
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS76501QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76501 TI-TPS76501 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501 TI1-TPS76501 Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501D TI-TPS76501D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501D TI1-TPS76501D Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501DR TI1-TPS76501DR Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76501QDRQ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com