Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60A18-8-040S Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 60A18-8-040S
Description  SERIES 60A Joystick
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

60A18-8-040S Datasheet(HTML) 1 Page - Grayhill, Inc

  60A18-8-040S Datasheet HTML 1Page - Grayhill, Inc 60A18-8-040S Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
.650
(16,51)
.265±.020
(6,73)
.210±.020
(5,33)
.408
(10,36)
HEADER IS SAMTEC P/N
MTMS-108-58-T-S-485
OR EQUIVALENT
.380±.003
(9,65±0,07)
Ø1.000±.015
(25,4±0,38)
Ø.810
(20,57)
.615±.003
(15,62±0,07)
.250
(6,35)
Ø.050±.003
(1,27±0,07)
LOCATING PIN
.040 ± .003
(1,02 ± 0,07)
CONNECTOR IS
AMP P/N 0-215083-8
OR EQUIVALENT
Ø.250±.002
(6,35±0,05)
M17X1 THREAD
.598 ± .015
(15,19 ± 0 ,38)
.205 ± .001
(5,21 ± 0 ,02)
.219 ± .003
(5,56 ± 0 ,07)
.580 ± .015
(14,73 ± 0 ,38)
.708 ± .015
(17,98 ± 0 ,38)
PIVOT POINT
4.000 ± .200
4.000 ± (5,08)
SERIES 60A
Joystick
FEATURES
• Optical Encoder, Pushbutton, and
Joystick in One Shaft
• Long Life, High Reliability
• Compatible with CMOS, HCMOS,
and TTL Logic
• Choices of Cable Length and
Termination
• Customized Solutions Available
DIMENSIONS In inches (and millimeters)
Pin Version
CIRCUITRY AND JOYSTICK OPERATION Standard Quadrature 2-Bit Code
APPLICATIONS
• Global Positioning/Driver
Information Systems
• Medical Equipment Control
• Radio Control
• Robotics
• Commercial Appliances
X DIRECTION
JOYSTICK
Y DIRECTION
JOYSTICK
POWER +5.0V
2
3
4
6
5
*EXTERNAL PULL-UP RESISTORS REQUIRED FOR OPERATION (2.2k
Ω).
R*
R*
GROUND
SWITCH
PUSHBUTTON
NORMALLY OPEN
OUTPUT B
OUTPUT A
8
7
1
* DEFINED BY LOCATING PIN ON TOP OF HOUSING
X LOW
Y LOW
X HIGH
Y HIGH*
2.5V
Encoder
38
Unless otherwise specified, standard tolerance are:
Linear ± .025
Diameter ± .010
Angle ± 2.0°


Similar Part No. - 60A18-8-040S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
60A103C MURATA-PS-60A103C Datasheet
437Kb / 3P
   Surface Mount Power Inductors
60A163C MURATA-PS-60A163C Datasheet
437Kb / 3P
   Surface Mount Power Inductors
60A193C MURATA-PS-60A193C Datasheet
437Kb / 3P
   Surface Mount Power Inductors
More results

Similar Description - 60A18-8-040S

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
   JOYSTICK ENCODER
logo
GREATECS
JPN10K GREATECS-JPN10K Datasheet
369Kb / 3P
   Joystick Potentiometer
logo
Copal Electronics
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
   JOYSTICK ENCODER
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
   Thumb Joystick
3/22/2017
logo
Grayhill, Inc
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
   Hall Effect Joystick
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
   Hall Effect Joystick
logo
SparkFun Electronics
COM-09426 SPARKFUN-COM-09426 Datasheet
134Kb / 2P
   Thumb Slide Joystick
8????7
logo
Productwell Precision E...
RKJXK3001 PRODUCTWELL-RKJXK3001_14 Datasheet
525Kb / 3P
   Most miniaturized series in our joystick controllers
logo
Schneider Electric
9001K37 SCHNEIDER-9001K37 Datasheet
102Kb / 1P
   30MM JOYSTICK 5 POSITION
Jan 4, 2022
logo
List of Unclassifed Man...
27800 ETC-27800 Datasheet
83Kb / 3P
   2-Axis Joystick (#27800)
1/16/2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com