Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62000QDGSRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62000QDGSRQ1
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62000QDGSRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62000QDGSRQ1 Datasheet HTML 6Page - Texas Instruments TPS62000QDGSRQ1 Datasheet HTML 7Page - Texas Instruments TPS62000QDGSRQ1 Datasheet HTML 8Page - Texas Instruments TPS62000QDGSRQ1 Datasheet HTML 9Page - Texas Instruments TPS62000QDGSRQ1 Datasheet HTML 10Page - Texas Instruments TPS62000QDGSRQ1 Datasheet HTML 11Page - Texas Instruments TPS62000QDGSRQ1 Datasheet HTML 12Page - Texas Instruments TPS62000QDGSRQ1 Datasheet HTML 13Page - Texas Instruments TPS62000QDGSRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPS62000Q1, TPS62001Q1, TPS62002Q1, TPS62003Q1
TPS62004Q1, TPS62005Q1, TPS62006Q1, TPS62007Q1, TPS62008Q1
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SGLS243A − APRIL 2004 − REVISED JUNE 2008
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Load current
3, 4, 5
V(drop)
Dropout voltage
vs Load current
6
IQ
Operating quiescent current
vs Input voltage (power save mode)
7
IQ
Operating quiescent current
vs Input voltage (forced PWM)
8
fosc
Oscillator frequency
vs Free-air temperature
9
Load transient response
10
Line transient response
11
Power save mode operation
12
Start-up
vs Time
13
VO
Output voltage
vs Load current
14
Figure 3
40
50
60
70
80
90
100
0.1
1
10
100
1000
VO = 3.3 V
VI = 3.6 V
EFFICIENCY
vs
LOAD CURRENT
IO − Load Current − mA
VI = 5 V
Figure 4
40
50
60
70
80
90
100
0.1
1
10
100
1000
VO = 2.5 V
VI = 3.6 V
EFFICIENCY
vs
LOAD CURRENT
IO − Load Current − mA
VI = 5 V


Similar Part No. - TPS62000QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000QDGSRQ1 TI1-TPS62000QDGSRQ1 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Similar Description - TPS62000QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com