Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGPF10N60UNDF Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGPF10N60UNDF
Description  600V, 10A Short Circuit Rated IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGPF10N60UNDF Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGPF10N60UNDF Datasheet HTML 1Page - Fairchild Semiconductor FGPF10N60UNDF Datasheet HTML 2Page - Fairchild Semiconductor FGPF10N60UNDF Datasheet HTML 3Page - Fairchild Semiconductor FGPF10N60UNDF Datasheet HTML 4Page - Fairchild Semiconductor FGPF10N60UNDF Datasheet HTML 5Page - Fairchild Semiconductor FGPF10N60UNDF Datasheet HTML 6Page - Fairchild Semiconductor FGPF10N60UNDF Datasheet HTML 7Page - Fairchild Semiconductor FGPF10N60UNDF Datasheet HTML 8Page - Fairchild Semiconductor FGPF10N60UNDF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.fairchildsemi.com
FGPF10N60UNDF Rev.C0
Typical Performance Characteristics
Figure 13. Turn-on Characteristics vs.
Figure 14. Turn-off Characteristics vs.
Collector Current
Collector Current
Figure 15. Switching Loss vs.
Figure 16. Switching Loss vs
Gate Resistance
Collector Current
Figure 17. Turn off Switching
Figure 18. Forward Characteristics
SOA Characteristics
0
5
10
15
20
25
10
100
Common Emitter
VGE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
t
d(off)
t
f
Collector Current, IC [A]
300
5
0
5
10
15
20
25
1
10
Common Emitter
VGE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
t
d(on)
t
r
Collector Current, IC [A]
30
0
5
10
15
20
25
100
10
Common Emitter
V
GE = 15V, RG = 10Ω
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Collector Current, IC [A]
1000
0
10
20
30
40
50
60
10
100
1000
Common Emitter
V
CC = 400V, VGE = 15V
I
C = 10A
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Gate Resistance, RG []
5
0
1
2
3
TJ = 75
o
C
30
10
1
TJ = 25
o
C
TJ = 125
o
C
Forward Voltage, VF [V]
1
10
100
1000
1
10
Safe Operating Area
V
GE = 15V, TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
50


Similar Part No. - FGPF10N60UNDF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
   300V, 120A PDP IGBT
FGPF15N60UNDF FAIRCHILD-FGPF15N60UNDF Datasheet
913Kb / 9P
   600V, 15A Short Circuit Rated IGBT
More results

Similar Description - FGPF10N60UNDF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGP10N60UNDF FAIRCHILD-FGP10N60UNDF Datasheet
819Kb / 9P
   600V, 10A Short Circuit Rated IGBT
FGPF15N60UNDF FAIRCHILD-FGPF15N60UNDF Datasheet
913Kb / 9P
   600V, 15A Short Circuit Rated IGBT
FGB7N60UNDF FAIRCHILD-FGB7N60UNDF Datasheet
754Kb / 9P
   600V, 7A Short Circuit Rated IGBT
FGP15N60UNDF FAIRCHILD-FGP15N60UNDF Datasheet
826Kb / 9P
   600V, 15A Short Circuit Rated IGBT
FGB5N60UNDF FAIRCHILD-FGB5N60UNDF Datasheet
794Kb / 9P
   600V, 5A Short Circuit Rated IGBT
logo
STMicroelectronics
STGD10NC60KD STMICROELECTRONICS-STGD10NC60KD Datasheet
467Kb / 15P
   N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
SGS5N60RUF FAIRCHILD-SGS5N60RUF Datasheet
555Kb / 7P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com