Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ1022 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SZ1022
Description  Surface Mount Silicon Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SZ1022 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SZ1022 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SZ1022 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS(Ta = 25 °C unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ
(1) @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(
Ω )(Ω )
(mA)
(
μA)
(V)
(mA)
(mApk)
SZ103D
3.3
76.0
10
400
1.0
100
1.0
276
1380
SZ103G
3.6
69.0
10
400
1.0
100
1.0
252
1260
SZ103J
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
SZ104D
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
SZ104H
4.7
53.0
8.0
500
1.0
10
1.0
193
970
SZ105B
5.1
49.0
7.0
550
1.0
10
1.0
178
890
SZ105G
5.6
45.0
5.0
600
1.0
10
2.0
162
810
SZ106C
6.2
41.0
2.0
700
1.0
10
3.0
146
730
SZ106I
6.8
37.0
3.5
700
1.0
10
4.0
133
660
SZ107F
7.5
34.0
4.0
700
0.5
10
5.0
121
605
SZ108C
8.2
31.0
4.5
700
0.5
10
6.0
110
550
SZ109B
9.1
28.0
5.0
700
0.5
10
7.0
100
500
SZ1010
10
25.0
7.0
700
0.25
10
7.6
91
454
SZ1011
11
23.0
8.0
700
0.25
5.0
8.4
83
414
SZ1012
12
21.0
9.0
700
0.25
5.0
9.1
76
380
SZ1013
13
19.0
10
700
0.25
5.0
9.9
69
344
SZ1015
15
17.0
14
700
0.25
5.0
11.4
61
305
SZ1016
16
15.5
16
700
0.25
5.0
12.2
57
285
SZ1018
18
14.0
20
750
0.25
5.0
13.7
50
250
SZ1020
20
12.5
22
750
0.25
5.0
15.2
45
225
SZ1022
22
11.5
23
750
0.25
5.0
16.7
41
205
SZ1024
24
10.5
25
750
0.25
5.0
18.2
38
190
SZ1027
27
9.5
35
750
0.25
5.0
20.6
34
170
SZ1030
30
8.5
40
1000
0.25
5.0
22.8
30
150
SZ1033
33
7.5
45
1000
0.25
5.0
25.1
27
135
SZ1036
36
7.0
50
1000
0.25
5.0
27.4
25
125
SZ1039
39
6.5
60
1000
0.25
5.0
29.7
23
115
SZ1043
43
6.0
70
1500
0.25
5.0
32.7
22
110
SZ1047
47
5.5
80
1500
0.25
5.0
35.8
19
95
SZ1051
51
5.0
95
1500
0.25
5.0
38.8
18
90
SZ1056
56
4.5
110
2000
0.25
5.0
42.6
16
80
SZ1062
62
4.0
125
2000
0.25
5.0
47.1
14
70
SZ1068
68
3.7
150
2000
0.25
5.0
51.7
13
65
SZ1075
75
3.3
175
2000
0.25
5.0
56.0
12
60
SZ1082
82
3.0
200
3000
0.25
5.0
62.2
11
55
SZ1091
91
2.8
250
3000
0.25
5.0
69.2
10
50
SZ10B0
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
SZ10B1
110
2.3
450
4000
0.25
5.0
83.6
8.6
40
SZ10B2
120
2.0
550
4500
0.25
5.0
91.2
7.8
37
SZ10B3
130
1.9
700
5000
0.25
5.0
98.8
7.0
34
SZ10B5
150
1.7
1000
6000
0.25
5.0
114.0
6.4
30
SZ10B6
160
1.6
1100
6500
0.25
5.0
121.6
5.8
28
SZ10B8
180
1.4
1200
7000
0.25
5.0
136.8
5.2
25
SZ10D0
200
1.2
1900
9990
0.25
5.0
152.0
4.7
22
Notes :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ±10%,
altered the fourth number of type from " 0 " for ±10% tolerance to be " 5 " for ±5.0% tolerance.
(2) Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
on IZT per JEDEC Method
(3) " SZ " will be omitted in marking on the diode.
Type
SZ103D-SZ10D0
Surface Mount Silicon Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SZ1022

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ1022 EIC-SZ1022 Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ1022 EIC-SZ1022 Datasheet
52Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ1022 EIC-SZ1022 Datasheet
50Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
SZ1022 TAYCHIPST-SZ1022 Datasheet
3Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Bruckewell Technology L...
SZ1022 BWTECH-SZ1022 Datasheet
304Kb / 4P
   Complete Voltage Range 3.3 to 200 Volts
More results

Similar Description - SZ1022

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com