Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54315QPWPRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54315QPWPRQ1
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54315QPWPRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54315QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS54315QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS54315QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS54315QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS54315QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS54315QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS54315QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS54315QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS54315QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS54311-Q1, TPS54312-Q1
TPS54313-Q1, TPS54314-Q1
TPS54315-Q1, TPS54316-Q1
SGLS242G − OCTOBER 2004 − REVISED SEPTEMBER 2008
www.ti.com
3
PACKAGE DISSIPATION RATINGS(1) (2)
PACKAGE
THERMAL IMPEDANCE
JUNCTION-TO-AMBIENT
TA = 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
20-Pin PWP with solder
26
°C/W
3.85 W(3)
2.12 W
1.54 W
20-Pin PWP without solder
57.5
°C/W
1.73 W
0.96 W
0.69 W
(1) For more information on the PWP package, see the Texas Instruments technical brief (SLMA002).
(2) Test board conditions:
1. 3”
× 3”, 2 layers, Thickness: 0.062”
2. 1.5 oz copper traces located on the top of the PCB
3. 1.5 oz copper ground plane on the bottom of the PCB
4. Ten thermal vias (see the recommended land pattern in the Applications section of this data sheet)
(3) Maximum power dissipation may be limited by overcurrent protection.
ELECTRICAL CHARACTERISTICS
TJ = −40°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VIN
Input voltage range
3
6
V
fs = 350 kHz,
FSEL
≤ 0.8 V,
RT open
6.2
9.6
Quiescent current
fs = 550 kHz,
Phase pin open
FSEL
≥ 2.5 V,
RT open,
8.4
12.8
mA
Shutdown,
SS/ENA = 0 V
1
1.4
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3
V
Stop threshold voltage, UVLO
2.7
2.8
V
Hysteresis voltage, UVLO
0.14
V
Rising and falling edge deglitch,
UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.7
2.8
2.95
V
Output current, VBIAS(2)
100
µA
OUTPUT VOLTAGE
TPS54311
TJ = 25°C,
VIN = 5 V
0.9
V
TPS54311
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
−40
≤ TJ ≤ 125
−2.5%
2.5%
TPS54312
TJ = 25°C,
VIN = 5 V
1.2
V
TPS54312
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
−40
≤ TJ ≤ 125
−2.5%
2.5%
TPS54313
TJ = 25°C,
VIN = 5 V
1.5
V
V
Output voltage
TPS54313
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
−40
≤ TJ ≤ 125
−2.5%
2.5%
VO
Output voltage
TPS54314
TJ = 25°C,
VIN = 5 V
1.8
V
TPS54314
3
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
−40
≤ TJ ≤ 125
−2.5%
2.5%
TPS54315
TJ = 25°C,
VIN = 5 V
2.5
V
TPS54315
3.2
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
−40
≤ TJ ≤ 125
−2.5%
2.5%
TPS54316
TJ = 25°C,
VIN = 5 V
3.3
V
TPS54316
4
≤ VIN ≤ 6 V,
0
≤ IL ≤ 3 A,
−40
≤ TJ ≤ 125
−2.5%
2.5%
REGULATION
Line regulation(1) (3)
IL = 1.5 A,
350
≤ fs ≤ 550 kHz, TJ = 85°C
0.21
%/V
Load regulation(1) (3)
IL = 0 A to 3 A,
350
≤ fs ≤ 550 kHz, TJ = 85°C
0.21
%/A
(1) Specified by design
(2) Static resistive loads only
(3) Specified by the circuit used in Figure 10.


Similar Part No. - TPS54315QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54315 TI-TPS54315 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54315 TI-TPS54315 Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54315 TI-TPS54315 Datasheet
1Mb / 27P
[Old version datasheet]   TPS5431x 3-V to 6-V Input, 3-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54315 TI1-TPS54315 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54315-EP TI1-TPS54315-EP Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54315QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310-Q1 TI-TPS54310-Q1_15 Datasheet
409Kb / 19P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com