Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ108C Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SZ108C
Description  Surface Mount Silicon Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SZ108C Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SZ108C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SZ108C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VZ : 3.3 - 200 Volts
PD : 1 Watt
Complete Voltage Range 3.3 to 200 Volts
High peak reverse power dissipation
High reliability
Low leakage current
Pb / RoHS Free
Case : SMA (DO-214AC) Molded plastic
Epoxy : UL94V-O rate flame retardant
Lead : Lead formed for Surface mount
Polarity : Color band denotes cathode end
Mounting position : Any
Weight : 0.064 gram
MAXIMUM RATINGS
Rating at 25 °C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 °C (Note1)
PD
1.0
W
Maximum Forward Voltage at IF = 200 mA
VF
1.2
V
Junction Temperature Range
TJ
- 55 to + 150
°C
Storage Temperature Range
Ts
- 55 to + 150
°C
Note :
(1) P.C.B. Mounted on 0.31x0.31x0.08" (8x8x2mm) copper areas pads.
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (°C)
0.25
0.50
0.75
1.00
1.25
P.C.B. Mounted on
0.31x0.31x0.08" (8x8x2mm)
copper areas pads
Fig. 1 MAXIMUM CONTINUOUS POWER DERATING
0
SZ103D-SZ10D0
Surface Mount Silicon Zener Diodes
Features
Mechanical Data
Dimensions in inches and (millimeters)
SMA/DO-214AC
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SZ108C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ108C EIC-SZ108C Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ108C EIC-SZ108C Datasheet
52Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ108C EIC-SZ108C Datasheet
50Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
SZ108C TAYCHIPST-SZ108C Datasheet
3Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Bruckewell Technology L...
SZ108C BWTECH-SZ108C Datasheet
304Kb / 4P
   Complete Voltage Range 3.3 to 200 Volts
More results

Similar Description - SZ108C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com