Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK18X7R1E154K Datasheet(PDF) 2 Page - TDK Electronics

Part # FK18X7R1E154K
Description  Multilayer Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK18X7R1E154K Datasheet(HTML) 2 Page - TDK Electronics

  FK18X7R1E154K Datasheet HTML 1Page - TDK Electronics FK18X7R1E154K Datasheet HTML 2Page - TDK Electronics FK18X7R1E154K Datasheet HTML 3Page - TDK Electronics FK18X7R1E154K Datasheet HTML 4Page - TDK Electronics FK18X7R1E154K Datasheet HTML 5Page - TDK Electronics FK18X7R1E154K Datasheet HTML 6Page - TDK Electronics FK18X7R1E154K Datasheet HTML 7Page - TDK Electronics FK18X7R1E154K Datasheet HTML 8Page - TDK Electronics FK18X7R1E154K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(1/11)
003-03 / 20110517 / e4941_fk.fm
• All specifications are subject to change without notice.
Dipped Radial Ceramic Capacitors
General Use FK Series
FEATURES
• Due to the technological progress in creating thinner layers of
ceramic dielectric and achieving multilayer lamination, this
product provides large electrostatic capacity.
• It maintains a high level of reliability under specified environ-
mental conditions.
• Its residual inductance is small and it provides good frequency
characteristics.
• The leads are formed with a "kink" to achieve consistent
insertion heights and facilitate the release of gases during
soldering for dramatically improved solderability.
• Also available are products that meet taping specifications for
automatic insertions, which contribute to reducing on-board
costs.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions and shapes of lead wire
Dimensions in mm
(3) Capacitance temperature characteristics
Class 1 (Temperature compensation)
Class 2 (Temperature stable and general purpose)
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
(6) Capacitance tolerance
(7) TDK internal code
Conformity to RoHS Directive
FK 28 C0G 1H 101 J
(1) (2)
(3)
(4) (5) (6)
(7)
Type L max. W max. T max. F
ød
Fig
28
4.0
5.5
2.5
5.0±1.0
7±2
0.5+0.1,–0.03
1
24
4.5
5.5
2.5
5.0±1.0
7±2
0.5+0.1,–0.03
1
26
5.5
6.0
3.5
5.0±1.0
7±2
0.5+0.1,–0.03
1
20
5.5
7.0
4.0
5.0±1.0
7±2
0.5+0.1,–0.03
1
22
7.5
8.0
4.0
5.0±1.0
7±2
0.5+0.1,–0.03
1
18
4.0
5.5
2.5
2.5±0.8
5+3,–1
0.5+0.1,–0.03
2
14
4.5
5.5
2.5
2.5±0.8
5+3,–1
0.5+0.1,–0.03
2
16
5.5
6.0
3.5
2.5±0.8
5+3,–1
0.5+0.1,–0.03
2
11
5.5
7.0
4.0
2.5±0.8
5+3,–1
0.5+0.1,–0.03
2
Temperature
characteristics
Capacitance change
Temperature range
C0G
0±30ppm/°C
–55 to +125°C
Temperature
characteristics
Capacitance change
Temperature range
X7R
±15%
–55 to +125°C
X5R
±15%
–55 to +85°C
X7S
±22%
–55 to +125°C
Y5V
+22, –82%
–30 to +85°C
L
F
Fig.1
ød
L
T
F
Fig.2
ød
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
0R5
0.5pF
010
1pF
100
10pF
102
1,000pF
Symbol
Tolerance
Applicable capacitance
range
C
±0.25pF
10pF max.
D
±0.5pF
J±5%
Over 10pF
K
±10%
M
±20%
Z
+80, –20%
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - FK18X7R1E154K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK18X7R1E154K TDK-FK18X7R1E154K Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
More results

Similar Description - FK18X7R1E154K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com