Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMBT5550 Datasheet(PDF) 1 Page - Formosa MS

Part # FMBT5550
Description  600mA Silicon NPN Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT5550 Datasheet(HTML) 1 Page - Formosa MS

  FMBT5550 Datasheet HTML 1Page - Formosa MS FMBT5550 Datasheet HTML 2Page - Formosa MS FMBT5550 Datasheet HTML 3Page - Formosa MS FMBT5550 Datasheet HTML 4Page - Formosa MS FMBT5550 Datasheet HTML 5Page - Formosa MS FMBT5550 Datasheet HTML 6Page - Formosa MS FMBT5550 Datasheet HTML 7Page - Formosa MS FMBT5550 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
1
2
2
2
2~3
4~5
6
6
6
7
8
8
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
Mechanical data...............................................................................
High Voltage NPN Epitaxial Planar Transistor
Formosa MS
FMBT5550 / FMBT5551
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231108
2008/02/10
2011/07/21
C
8


Similar Part No. - FMBT5550

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT5401 FORMOSA-FMBT5401 Datasheet
512Kb / 9P
   High Voltage PNP Transistor
More results

Similar Description - FMBT5550

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT4401 FORMOSA-FMBT4401 Datasheet
168Kb / 10P
   600mA Silicon NPN Epitaxial Planar Transistor
FMBT2222 FORMOSA-FMBT2222 Datasheet
601Kb / 9P
   600mA Silicon NPN Epitaxial Planar Transistor
FMBT4403 FORMOSA-FMBT4403 Datasheet
233Kb / 10P
   600mA Silicon PNP Epitaxial Planar Transistor
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com