Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF161-SH Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT25DF161-SH
Description  8-bit Atmel Microcontrollers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161-SH Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT25DF161-SH Datasheet HTML 7Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 8Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 9Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 10Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 11Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 12Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 13Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 14Page - ATMEL Corporation AT25DF161-SH Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Atmel AVR1923
11
8394B-AVR-02/12
V0:
Display voltage (contrast control).
⎛ +
Ra
Rb
1
: Voltage regulator internal resistance ratio.
VREG:
Internal fixed voltage supply typically 2.1V.
α:
Electronic volume level, 1 to 64 are possible values:
The recommended configuration for the display is to use
5
.
3
1
=
⎛ +
Ra
Rb
because it
will center the adjustable voltage range at 6V which is the typical setting for this
display. Recommended values for α are listed in Table 5-6.
Table 5-6. Recommended electronic volume configuration.
Electronic volume
register value (α)
Display supply voltage V0 [V]
Contrast
20
6.44
Too strong contrast
21
6.40
22
6.35
23
6.31
24
6.26
25
6.22
26
6.17
27
6.13
28
6.08
29
6.03
30
5.99
Optimal setting
31
5.94
32
5.90
33
5.85
34
5.81
35
5.76
36
5.72
37
5.67
38
5.63
39
5.58
40
5.54
Very weak contrast
The display backlight is controlled by a FET which is by default in an off state but it is
possible to turn the backlight on with the Atmel AVR XMEGA by driving the gate of
the FET high. On the XMEGA pin PE4 is connected to the gate of the FET. The pin
PE4 is also an output of an on-chip timer module and because of that it is easy to do
dimming of the backlight by using PWM.


Similar Part No. - AT25DF161-SH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF161-SH ATMEL-AT25DF161-SH Datasheet
348Kb / 15P
   One mechanical button switch Three LEDs Four expansion headers
AT25DF161-SH ATMEL-AT25DF161-SH Datasheet
373Kb / 13P
   32-bit Microcontrollers
AT25DF161-SH-B ATMEL-AT25DF161-SH-B Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF161-SH-B ETC2-AT25DF161-SH-B Datasheet
3Mb / 52P
   Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT25DF161-SH-T ATMEL-AT25DF161-SH-T Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF161-SH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
REB233SMAD ATMEL-REB233SMAD Datasheet
222Kb / 4P
   8-bit Atmel Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5 Datasheet
2Mb / 145P
   8/16-bit Atmel AVR XMEGA Microcontrollers
2013
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA16E5 ATMEL-ATXMEGA16E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATMEGA88PA ATMEL-ATMEGA88PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA88A ATMEL-ATMEGA88A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
346Kb / 12P
   8-bit Atmel megaAVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com