Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA1560S Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXA1560S
Description  Dolby B-C Type Noise Reduction System
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXA1560S Datasheet(HTML) 3 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
– 3 –
CXA1560S, CXA1561M/S, CXA1562M/S
Pin Description and Equivalent Circuit
Pin No.
Symbol
Z: Imp
VDC (V)
Equivalent circuit
Description
SOP SDIP
1
3, 22 3, 20
5, 20 5, 18
1
IREF
0
40K
62K
0
VEE + 1.25V
VCT
VCT
VCT
Reference current pin for
setting internal filter cut-off
frequency
Recording input pin
Reference level = –25dBm
Buffer amplifier output pin
to drive multiplex filter
Reference level = –15dBm
Playback input pin
Reference level = –30dBm
Buffer amplifier input pin to
drive multiplex filter
Reference level = –19dBm
2, 21 PB IN
MPX IN
LINE IN
MPX OUT
2, 23
4, 19
4, 21
VEE + 1.25V
VCC
VEE
VCC
VEE
VCT
40k
VCC
VCT
VEE
62k
VCC
VEE
500
500
8.8k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn