Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1551P Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA1551P
Description  Dolby B type Noise Reduction System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1551P Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA1551P Datasheet HTML 5Page - Sony Corporation CXA1551P Datasheet HTML 6Page - Sony Corporation CXA1551P Datasheet HTML 7Page - Sony Corporation CXA1551P Datasheet HTML 8Page - Sony Corporation CXA1551P Datasheet HTML 9Page - Sony Corporation CXA1551P Datasheet HTML 10Page - Sony Corporation CXA1551P Datasheet HTML 11Page - Sony Corporation CXA1551P Datasheet HTML 12Page - Sony Corporation CXA1551P Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
—9—
CXA1550P, CXA1551M/P, CXA1552M/P, CXA1553M/P
Notes on Applications
1) Power supply
The CXA1550 series is designed to operate on either single or split power supply. The ripple rejection
performance is excellent for either supply. VCT (Pin 4) is a reference voltage of the VCC/2 buffer amplifier.
With single power supply operation, internally generated VCC/2 voltage appears at the pin, and a bypass
capacitor has to be connected between the pin and ground. On split power supply operation, the VCT (Pin
4) pin has to be connected to ground, and VEE (negative power supply) is supplied to the GND (Pin 15) pin.
2) Double speed (
×2)
The CXA1550 series provides double speed encode/decode modes, which offer high speed dubbing
function. On double speed mode, the frequency response shifts twice as the normal B type.
3) Operational mode control
The CXA1550 series provides fully electronic switching circuits. The functions are controlled by DC voltage
of the two control pins of REC/PB (Pin 12) and ON/OFF/
×2 (Pin 5). The switching truth tables are shown in
Table 1.
Table 1.
Pin
Pin 12
Pin 5
Function
PB (Decode)
REC (Encode)
NR
× 2
NR OFF
NR ON
Single Supply
VCC
≥ V ≥ 2.5 V
0.5 V
≥ V ≥ 0 V
VCC
≥ V ≥ VCC–0.5 V
VCC–2.5
≥ V ≥ 2.5 V
0.5 V
≥ V ≥ 0 V
Split Supply
VCC
≥ V ≥ VEE+2.5 V
VEE+0.5 V
≥ V ≥ VEE
VCC
≥ V ≥ VCC–0.5 V
VCC–2.5 V
≥ V ≥ VEE+2.5 V
VEE+0.5 V
≥ V ≥ VEE
It is desirable to provide CR time constant circuits at the mode control pins with time constant from 100
msec to 1 sec, which will reduce switching clicks effectively.
4) Reference levels
Characteristics and specifications of the Dolby noise reduction processor are defined as the levels and
measured with reference to the Dolby level. This particular level in these devices is –10 dBm (245 mVrms),
and is measured at the recording output (REC OUT) in the NR off mode.
The reference levels of the recording input (REC IN), playback input (PB IN) and line output (LINE OUT)
are defined as the levels which provide the Dolby level at the recording output in the NR off mode.
The CXA1550 series has a common silicon die, and has different internal connection (AL pattern). The
series provides four different line output levels for various applications. Other reference levels, recording
input level, playback input level and recording output level (=Dolby level) are identical in all devices.
The reference levels are as follows
Recording output level (=Dolby level)
–10 dBm (245 mVrms)
Recording input level
–30 dBm (24.5 mVrms)
Playback input level
–30 dBm (24.5 mVrms)
Line output level
CXA1550
0 dBm (775 mVrms)
CXA1551
–3 dBm (548 mVrms)
CXA1552
–6 dBm (388 mVrms)
CXA1553
–10 dBm (245 mVrms)


Similar Part No. - CXA1551P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1551P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com