Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1538S Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1538S
Description  FM STEREO/AM RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1538S Datasheet(HTML) 4 Page - Sony Corporation

  CXA1538S Datasheet HTML 1Page - Sony Corporation CXA1538S Datasheet HTML 2Page - Sony Corporation CXA1538S Datasheet HTML 3Page - Sony Corporation CXA1538S Datasheet HTML 4Page - Sony Corporation CXA1538S Datasheet HTML 5Page - Sony Corporation CXA1538S Datasheet HTML 6Page - Sony Corporation CXA1538S Datasheet HTML 7Page - Sony Corporation CXA1538S Datasheet HTML 8Page - Sony Corporation CXA1538S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
—4—
CXA1538M/N/S
Pin Voltage (V)
No.
Symbol
VCC=3 V VCC=6 V
Equivalent circuit
Description
FM AM FM AM
21
23
22
24
26
27
28
30
REG
AFC
FM OSC
AM OSC
FM DISCRI
VCO
MPX REG
GND
1.25 1.25 1.25 1.25
1.25 1.25 1.25 1.25
1.25 1.25 1.25 1.25
2.30 2.70 3.60 4.00
1.65 1.65 1.65 1.65
0
0
0
0
1.25V
REG
21
23
REG
22
REG
24
26
1k
MPX REG
27
28
30
Regulator output
Variable capacitance for AFC
FM local oscillation circuit
AM local oscillation circuit
Phase shift circuit to connect
to ceramic discriminator
VCO control pin for stereo
demodulation
Regulator for MPX
GND of MPX block


Similar Part No. - CXA1538S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1534Q SONY-CXA1534Q Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1534S SONY-CXA1534S Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
More results

Similar Description - CXA1538S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5712 PHILIPS-TEA5712 Datasheet
400Kb / 28P
   AM/FM stereo DTS radio circuit
September 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com