Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC1021A-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021A-Q1
Description  LIN PHYSICAL INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC1021A-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC1021A-Q1 Datasheet HTML 1Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 2Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 3Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 4Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 5Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 6Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 7Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 8Page - Texas Instruments TPIC1021A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OPERATING STATES
Unpowered System
V
V
sup
sup_under
£
Standby Mode
Driver : Off
RXD: Low
INH: High (On)
Termination: 30 kW
EN = high
EN = low
EN = high
LIN Bus Wake-Up
or
Nwake Pin Wake-Up
V
> V
EN = low
sup
sup_under
V
V
sup
sup_under
£
V
V
sup
sup_under
£
V
V
sup
sup_under
£
V
> V
EN = high
sup
sup_under
Sleep Mode
Driver : Off
RXD: Floating
INH: High impedance (Off)
Termination: Weak pullup
Normal Mode
Driver : On
RXD: LIN bus data
INH: High (On)
Termination: 30 kW
Normal Mode
Sleep Mode
TPIC1021A-Q1
www.ti.com.......................................................................................................................................................... SLIS117A – AUGUST 2007 – REVISED JUNE 2009
Figure 1. Operating States Diagram
Table 1. Operating Modes
LIN BUS
MODE
EN
RXD
INH
TRANSMITTER
COMMENTS
TERMINATION
Sleep
Low
Floating
Weak current pullup
High impedance
Off
Wake-up event detected, waiting
Standby
Low
Low
30 k
Ω (typ)
High
Off
on MCU to set EN
Normal
High
LIN bus data
30 k
Ω (typ)
High
On
LIN transmission up to 20 kbps
This is the normal operational mode, in which the receiver and driver are active, and LIN transmission up to the
LIN specified maximum of 20 kbps is supported. The receiver detects the data stream on the LIN bus and
outputs it on RXD for the LIN controller, where recessive on the LIN bus is a digital high, and dominate on the
LIN bus is digital low. The driver transmits input data on TXD to the LIN bus. Normal mode is entered as EN
transitions high while the TPIC1021A is in sleep or standby mode.
Sleep mode is the power saving mode for the TPIC1021A and the default state after power up (assuming EN is
low during power up). Even with the extremely low current consumption in this mode, the TPIC1021A can still
wake up from LIN bus via a wake-up signal, a low on NWake, or if EN is set high. The LIN bus and NWake are
filtered to prevent false wake-up events. The wake-up events must be active for their respective time periods
(tLINBUS, tNWake).
The sleep mode is entered by setting EN low.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPIC1021A-Q1


Similar Part No. - TPIC1021A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DG4 TI1-TPIC1021DG4 Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DR TI1-TPIC1021DR Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
TPIC1021DRG4 TI1-TPIC1021DRG4 Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results

Similar Description - TPIC1021A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com