Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFU455B Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SFU455B
Description  Ceramics Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SFU455B Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SFU455B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SFU455B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SFU455B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SFU455B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SFU455B Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SFU455B Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6.
PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
(物理及环境特性)
Test Item
Condition of Test
Requirements
(试验项目)
(试验条件)
(要求)
6-1
Lead Strength Applied to vertical weight 1Kg along with
(引脚强度)
the direction of lead without any shock
No mechanical
Lead Pulling
for 5-10sec.
damage and the
(引脚拉力)
(沿引线方向加 10 牛顿静载荷 5-10 秒.)
measured values
Lead Bending Filter lead shall be subjected to withstand
shall meet Item
(引脚弯曲) against 90°bending its stem.This opration 5.
shall be done toward both diretion.
(无机械损伤,测量
(引脚折弯 90°,反方向同样。)
值足第 5 款要求.)
6-2 Solderability Dip the terminals of the filter no closer
The solder shall
(可焊性)
than 1.5mm into a soldering
bath(230+5℃)
be for coat at
for 5+1 sec .
least 95% of the
(refer to MIL-STD-202E-208C)
terminal surface
(端子至少 1.5mm 应浸没在(230+5℃)锡池内 5+1 秒。)(端子表面 95%被浸润)
6-3
Vibration
Filter shall be measured after being
(振动)
applied vibration as below
(在下面条件下振动后测试)
No visible damage
Vibration Freq: 10-55HZ
and the measured
(振动频率)
value shall meet
Amplitude
: 1.5 mm
table 1
(幅度)
(无可见损伤且测量值
Directions
: 3 axial directions
满足表1)
(方向)
(3 轴向)
Time
:
1 hour/each direction
(时间)
(1 小时/各方向)
6-4
Random Drop
Filter shall be measured after 3 times
(任意跌落)
random dropping from the height of 30cm.
concrete floor.
(3 次30cm高度跌落到水泥地板后测试)
6-5
Resistance to Filter immersing the terminals up to 1.5
The
measured
Soldering Heat
mm to
filter’s body in
soldering
bath
value shall meet
(耐焊接热)
(350 +10℃) for 3 sec., filter shall
be
table 1.
measure after being placed in natural
(测量值满足表 1)
condition for 1 hour.
(端子在(350+10℃)锡池内浸没到器件根部 1.5mm,,
时间 3 秒,自然条件放置 1 小时后测试。)
SFU455B
Ceramics Filter


Similar Part No. - SFU455B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SFU455 LUGUANG-SFU455 Datasheet
198Kb / 6P
   Ceramics Filter
More results

Similar Description - SFU455B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SFU465B LUGUANG-SFU465B Datasheet
247Kb / 6P
   Ceramics Filter
SFU450B LUGUANG-SFU450B Datasheet
246Kb / 6P
   Ceramics Filter
SFU455 LUGUANG-SFU455 Datasheet
198Kb / 6P
   Ceramics Filter
logo
EPCOS
B69812N2327A314 EPCOS-B69812N2327A314 Datasheet
166Kb / 4P
   Microwave Ceramics and Modules 2-Pole Filter for SIRIUS
B69812N1897K320 EPCOS-B69812N1897K320 Datasheet
156Kb / 4P
   Microwave Ceramics and Modules 2-Pole Filter for DECT
logo
Shenzhen Luguang Electr...
CRB456F16 LUGUANG-CRB456F16 Datasheet
253Kb / 3P
   Ceramics Resonator
ZTA4.0MG LUGUANG-ZTA4.0MG Datasheet
190Kb / 4P
   ceramics resonator
logo
RMT Ltd.
1MD03005 RMT-1MD03005_1 Datasheet
450Kb / 3P
   Blank ceramics
logo
OSA Opto Light GmbH
OCL-440HYG OSA-OCL-440HYG Datasheet
247Kb / 7P
   Ceramics, green
logo
NEC
TGM60-40-10L NEC-TGM60-40-10L Datasheet
411Kb / 31P
   Piezoelectric Ceramics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com