Electronic Components Datasheet Search |
|
C1608X7R1A105WTXXXX Datasheet(PDF) 3 Page - TDK Electronics |
|
C1608X7R1A105WTXXXX Datasheet(HTML) 3 Page - TDK Electronics |
3 / 72 page C Series General Application Type: C0402, C0603, C1005, C1608, C2012, C3216, C3225, C4532, C5750 • High capacitance has been achieved through precision technologies that enable the use of multiple thinner ceramic dielectric layers. • A monolithic structure ensures superior mechanical strength and reliability. • High-accuracy automatic mounting is facilitated through the maintenance of very precise dimensional tolerances. • Composed of only ceramics and metals, these capacitors provide extremely dependable performance, exhibiting virtually no degradation even when subjected to temperature extremes. • Low stray capacitance ensures high conformity with nominal values, thereby simplifying the circuit design process. • Low residual inductance assures superior frequency characteristics. • Because electrostatic capacity has been obtained up to the electrolytic capacitor range, these capacitors offer long service life and are optimally suited for power supply designs that require high levels of reliability. • Owing to their low ESR and excellent frequency characteristics, these products are optimally suited for high frequency and high-density type power supplies. Applications • Electronics equipment • Mobile communications equipment • Office automation equipment • Automotive electronics • Test and measurement equipment • Hybrid ICs, etc. • Decoupling • Smoothing • Charge pump Features Shape & Dimensions Dimensions in mm Part Number Construction Series Name C 2012 X7R 1E 105 K T XXXX Dimensions L x W (mm) Temperature Characteristic Rated Voltage (DC) Nominal Capacitance (pF) Capacitance Tolerance Packaging Style Internal Codes The capacitance is expressed in three digit codes and in units of pico Farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point. Case Code Length Width C0402 0.40 ± 0.02 0.20 ± 0.02 C0603 0.60 ± 0.03 0.30 ± 0.03 C1005 1.00 ± 0.05 0.50 ± 0.05 C1608 1.60 ± 0.10 0.80 ± 0.10 C2012 2.00 ± 0.20 1.25 ± 0.20 C3216 3.20 ± 0.20 1.60 ± 0.20 C3225 3.20 ± 0.40 2.50 ± 0.30 C4532 4.50 ± 0.40 3.20 ± 0.40 C5750 5.70 ± 0.40 5.00 ± 0.40 Temperature Characteristics Capacitance Change Temperature Range C0G 0±30 ppm/ºC -55 to +125ºC SL +350/-1000 ppm/ºC -25 to +85ºC X5R ±15% -55 to +85ºC X6S +22% -55 to +105ºC X7R ±15% -55 to +125ºC X7S ±22% -55 to +125ºC Y5V +22/-82% -33 to +85ºC Packaging Code Style T Tape & Reel Tolerance Code Tolerance W ± 0.05 pF B ± 0.10 pF C ± 0.25 pF D ± 0.50 pF E ± 0.20 pF G ± 2% J ± 5% K ± 10% M ± 20% Z +80-20% Capacitance Code Capacitance 0R5 0.5pF 010 1pF 102 1,000pF (1nF) 105 1,000,000pF (1µF) Voltage Code Voltage (DC) 1C 16V 1E 25V 1V 35V Voltage Code Voltage (DC) 0G 4V 0J 6.3V 1A 10V TDK MLCC US Catalog Version B11 Page 5 L Body Length W Body Width T Body Height B Terminal Width Voltage Code Voltage (DC) 1H 50V |
Similar Part No. - C1608X7R1A105WTXXXX |
|
Similar Description - C1608X7R1A105WTXXXX |