Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1518Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1518Q
Description  EIAJ Sound Multiplexing Decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1518Q Datasheet(HTML) 5 Page - Sony Corporation

  CXA1518Q Datasheet HTML 1Page - Sony Corporation CXA1518Q Datasheet HTML 2Page - Sony Corporation CXA1518Q Datasheet HTML 3Page - Sony Corporation CXA1518Q Datasheet HTML 4Page - Sony Corporation CXA1518Q Datasheet HTML 5Page - Sony Corporation CXA1518Q Datasheet HTML 6Page - Sony Corporation CXA1518Q Datasheet HTML 7Page - Sony Corporation CXA1518Q Datasheet HTML 8Page - Sony Corporation CXA1518Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
—5—
CXA1518Q/S
Pin No.
Symbol
Pin
Equivalent circuit
Description
SDIP QFP
voltage
16
17
18
19
20
21
22
18
20
22
24
25
26
28
ROUT
LOUT
MCIN
MCOUT
SCIN
SCOUT
SUBI
2.4 V
2.4 V
2.5 V
1.7 V
2.5 V
1.7 V
2.4 V
(18)
VCC
VCC
147
14k
32k
32k
GND
16
(20)
VCC
VCC
147
14k
32k
32k
GND
17
18
GND
VCCVCC
VCC
147
147
147
147
(24)
(22)
16k
2.5V
160
µ
80
µ
80
µ
20P
19
GND
VCC VCC
VCC
147
147
147
147
20
(26)
(25)
80
µA
80
µA
160
µA
5k
2.5V
12k
18p
21
VCC
VCC
147
147
(28)
80
µ
20
µ
2.5V
1.4V
16k
15k
1k
8k
64k
8k
22
R-ch output pin
L-ch output pin.
During “TEST”, outputs the Cue signal
component passed through the Cue BPF.
Connects DC cut capacitor of the main
signal.
Connects DC cut capacitor of the sub
signal.
Connects bias capacitor of the sub FM
detector.
Grounding this pin enables the TEST
mode for filter adjustment.


Similar Part No. - CXA1518Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1510-0000-000F00G427F CREE-CXA1510-0000-000F00G427F Datasheet
2Mb / 27P
   XLamp LED
CXA1510-0000-000F00G427G CREE-CXA1510-0000-000F00G427G Datasheet
2Mb / 27P
   XLamp LED
CXA1510-0000-000F00G427H CREE-CXA1510-0000-000F00G427H Datasheet
2Mb / 27P
   XLamp LED
CXA1510-0000-000F00H227F CREE-CXA1510-0000-000F00H227F Datasheet
2Mb / 27P
   XLamp LED
More results

Similar Description - CXA1518Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2013M SONY-CXA2013M Datasheet
197Kb / 23P
   EIAJ Sound Multiplexing Decoder
CXA2202M SONY-CXA2202M Datasheet
415Kb / 2P
   EIAJ Sound Multiplexing Decoder
CXA2020M SONY-CXA2020M Datasheet
247Kb / 18P
   EIAJ Sound Multiplexing Decoder
CXA2202N SONY-CXA2202N Datasheet
211Kb / 2P
   EIAJ Sound Multiplexing Decoder
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com