Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD1722ESAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1722ESAL
Description  EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1722ESAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1722ESAL Datasheet HTML 1Page - Advanced Linear Devices ALD1722ESAL Datasheet HTML 2Page - Advanced Linear Devices ALD1722ESAL Datasheet HTML 3Page - Advanced Linear Devices ALD1722ESAL Datasheet HTML 4Page - Advanced Linear Devices ALD1722ESAL Datasheet HTML 5Page - Advanced Linear Devices ALD1722ESAL Datasheet HTML 6Page - Advanced Linear Devices ALD1722ESAL Datasheet HTML 7Page - Advanced Linear Devices ALD1722ESAL Datasheet HTML 8Page - Advanced Linear Devices ALD1722ESAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ALD1722E
Advanced Linear Devices
3 of 13
Supply voltage, V+
10.6V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
SAL, PAL packages
0
°C to +70°C
DA package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
ABSOLUTE MAXIMUM RATINGS
* NOTES 1 through 9, see "Definitions and Design Notes" on page 6.
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25
oC VS = ±2.5V unless otherwise specified
ALD1722E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply Voltage
VS
±2.0
±5.0
V
V+
4.0
10.0
V
Single Supply
Initial Input Offset Voltage
1
VOS i
25
90
µVRS ≤ 100KΩ
Offset Voltage Program Range
2
∆VOS
±5
±8mV
Programmed Input Offset
VOS
25
50
µV
At user specified
Voltage Error
3
target offset voltage
Total Input Offset Voltage
4
VOST
25
50
µV
At user specified
target offset voltage
Input Offset Current
5
IOS
0.01
10
pA
TA = 25°C
280
pA
0
°C ≤ TA ≤ +70°C
Input Bias Current
5
IB
0.01
10
pA
TA = 25°C
280
pA
0
°C ≤ TA ≤ +70°C
Input Voltage Range
6
VIR
-0.3
5.3
V
V+ = +5V; notes 2,5
-2.8
+2.8
V
VS = ±2.5V
Input Resistance
RIN
1014
Input Offset Voltage Drift
7
TCVOS
5
µV/°CRS ≤ 100KΩ
Initial Power Supply
PSRR i
85
dB
RS ≤ 100KΩ
Rejection Ratio
8
Initial Common Mode
CMRR i
97
dB
RS ≤ 100KΩ
Rejection Ratio
8
Large Signal Voltage Gain
AV
50
250
V/mV
RL =10KΩ
500
V/mV
RL ≥ 1MΩ
VO low
0.002
0.01
V
RL =1MΩ V+ = 5V
VO high
4.99
4.998
V
0
°C ≤ TA ≤ +70°C
Output Voltage Range
VO low
-2.44
-2.35
V
RL =10KΩ
VO high
2.35
2.44
V
0
°C ≤ TA ≤ +70°C
Output Short Circuit Current
ISC
8mA


Similar Part No. - ALD1722ESAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1722ESA ALD-ALD1722ESA Datasheet
64Kb / 10P
   EPAD??OPERATIONAL AMPLIFIER
ALD1722ESA ALD-ALD1722ESA Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
More results

Similar Description - ALD1722ESAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
   DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD1721E ALD-ALD1721E_11 Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1726E ALD-ALD1726E_11 Datasheet
108Kb / 13P
   EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2724 ALD-ALD2724_11 Datasheet
110Kb / 13P
   DUAL EPAD짰 PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
   CMOS Low power operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com