Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM4SK64KPU Datasheet(PDF) 7 Page - Texas Instruments

Part # TM4SK64KPU
Description  SYNCHRONOUS DYNAMIC RAM MODULES ??? SODIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM4SK64KPU Datasheet(HTML) 7 Page - Texas Instruments

Back Button TM4SK64KPU Datasheet HTML 3Page - Texas Instruments TM4SK64KPU Datasheet HTML 4Page - Texas Instruments TM4SK64KPU Datasheet HTML 5Page - Texas Instruments TM4SK64KPU Datasheet HTML 6Page - Texas Instruments TM4SK64KPU Datasheet HTML 7Page - Texas Instruments TM4SK64KPU Datasheet HTML 8Page - Texas Instruments TM4SK64KPU Datasheet HTML 9Page - Texas Instruments TM4SK64KPU Datasheet HTML 10Page - Texas Instruments TM4SK64KPU Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TM4SK64KPU 4194304 BY 64BIT
TM8SK64KPU 8388608 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES SODIMM
SMMS691A − AUGUST 1997 − REVISED NOVEMBER 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and ambient (unless
otherwise noted) (see Note 3)
TM4SK64KPU
PARAMETER
TEST CONDITIONS
’4SK64KPU-10
’4SK64KPU-12
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
2.4
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
0.4
V
II
Input current (leakage)
0 V < VI < VDD + 0.3 V,
All other pins = 0 V to VDD
"10
"10
µA
IO
Output current (leakage)
0 V < VO < VDD +0.3 V,
Output disabled
"10
"10
µA
ICC1
Operating current
Burst length = 1,
tRC ≥ tRC MIN
CAS latency = 2
480
460
mA
ICC1
Operating current
tRC ≥ tRC MIN
IOH/IOL = 0 mA,
(see Notes 4, 5, and 6)
CAS latency = 3
540
480
mA
ICC2P
Precharge standby current in
CKE
≤ VIL MAX, tCK = 15 ns (see Note 7)
8
8
mA
ICC2PS
Precharge standby current in
power-down mode
CKE and CK
≤ VIL MAX, tCK = ∞ (see Note 8)
8
8
mA
ICC2N
Precharge standby current in
CKE
≥ VIH MIN, tCK = 15 ns (see Note 7)
160
160
mA
ICC2NS
Precharge standby current in
non-power-down mode
tCK = ∞ (see Note 8)
12
12
mA
ICC3P
Active standby current in
CKE
≤ VIL MAX, tCK = 15 ns (see Notes 4 and 7)
40
80
mA
ICC3PS
Active standby current in
power-down mode
CKE
and
CK
≤ VIL MAX, tCK = ∞
(see Notes 4 and 8)
80
80
mA
ICC3N
Active standby current in
CKE
≥ VIH MIN, tCK = 15 ns (see Notes 4 and 7)
560
520
mA
ICC3NS
Active standby current in
non-power-down mode
CKE
≥ VIH MIN, CK ≤ VIL MAX, tCK = ∞
(see Notes 4 and 8)
160
160
mA
ICC4
Burst current
Page burst, IOH/IOL = 0 mA
All banks activated,
CAS latency = 2
1000
960
mA
ICC4
Burst current
All banks activated,
nCCD = one cycle
(see Notes 9 and 10)
CAS latency = 3
1480
1 240
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
CAS latency = 2
1 320
1 280
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
(see Notes 5 and 8)
CAS latency = 3
1 560
1 280
mA
ICC6
Self-refresh current
CKE
≤ VIL MAX
16
16
mA
NOTES:
3. All specifications apply to the device after power-up initialization. All control and address inputs must be stable and valid.
4. Only one bank is activated.
5. tRC ≥ MIN
6. Control and address inputs change state twice during tRC.
7. Control and address inputs change state once every 30 ns.
8. Control and address inputs do not change state (stable).
9. Control and address inputs change once every cycle.
10. Continuous burst access, nCCD = 1 cycle


Similar Part No. - TM4SK64KPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SK64KPN TI1-TM4SK64KPN Datasheet
241Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
More results

Similar Description - TM4SK64KPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4SK64KPN TI1-TM4SK64KPN Datasheet
241Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM2SJ64EPN TI1-TM2SJ64EPN Datasheet
678Kb / 45P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM2SJ64EPU TI1-TM2SJ64EPU Datasheet
527Kb / 34P
[Old version datasheet]   2097152 BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com